Electronic Components Datasheet Search
  English  ▼

X  

56F807 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 56F807 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
Reset, Stop, Wait, Mode Select, and Interrupt Timing
56F807 Technical Data Technical Data, Rev. 16
Freescale Semiconductor
35
3.6 Reset, Stop, Wait, Mode Select, and Interrupt Timing
Table 3-11 Reset, Stop, Wait, Mode Select, and Interrupt Timing1,5
Operating Conditions: V
SS = VSSA = 0 V, VDD = VDDA = 3.0–3.6 V, TA = –40° to +85°C, CL ≤ 50pF
1.
In the formulas, T = clock cycle. For an operating frequency of 80MHz, T = 12.5ns.
Characteristic
Symbol
Min
Max
Unit
See Figure
RESET Assertion to Address, Data and Control Signals
High Impedance
tRAZ
—21
ns
3-12
Minimum RESET Assertion Duration2
OMR Bit 6 = 0
OMR Bit 6 = 1
2.
Circuit stabilization delay is required during reset when using an external clock or crystal oscillator in two cases:
• After power-on reset
• When recovering from Stop state
tRA
275,000T
128T
—
—
ns
ns
3-12
RESET Deassertion to First External Address Output
tRDA
33T
34T
ns
3-12
Edge-sensitive Interrupt Request Width
tIRW
1.5T
—
ns
3-13
IRQA, IRQB Assertion to External Data Memory Access
Out Valid, caused by first instruction execution in the
interrupt service routine
tIDM
15T
—
ns
3-14
IRQA, IRQB Assertion to General Purpose Output Valid,
caused by first instruction execution in the interrupt
service routine
tIG
16T
—
ns
3-14
IRQA Low to First Valid Interrupt Vector Address Out
recovery from Wait State3
3.
The minimum is specified for the duration of an edge-sensitive IRQA interrupt required to recover from the Stop state. This is
not the minimum required so that the IRQA interrupt is accepted.
tIRI
13T
—
ns
3-15
IRQA Width Assertion to Recover from Stop State4
4.
The interrupt instruction fetch is visible on the pins only in Mode 3.
5.
Parameters listed are guaranteed by design.
tIW
2T
—
ns
3-16
Delay from IRQA Assertion to Fetch of first instruction
(exiting Stop)
OMR Bit 6 = 0
OMR Bit 6 = 1
tIF
—
—
275,000T
12T
ns
ns
3-16
Duration for Level Sensitive IRQA Assertion to Cause
the Fetch of First IRQA Interrupt Instruction (exiting Stop)
OMR Bit 6 = 0
OMR Bit 6 = 1
tIRQ
—
—
275,000T
12T
ns
ns
3-17
Delay from Level Sensitive IRQA Assertion to First
Interrupt Vector Address Out Valid (exiting Stop)
OMR Bit 6 = 0
OMR Bit 6 = 1
tII
—
—
275,000T
12T
ns
ns
3-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com