Electronic Components Datasheet Search
  English  ▼

X  

56F807 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button 56F807 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
External Clock Operation
56F807 Technical Data Technical Data, Rev. 16
Freescale Semiconductor
31
3.4.3
External Clock Source
The recommended method of connecting an external clock is given in Figure 3-9. The external clock
source is connected to XTAL and the EXTAL pin is grounded.
Figure 3-9 Connecting an External Clock Signal
Figure 3-10 External Clock Timing
Table 3-8 External Clock Operation Timing Requirements5
Operating Conditions: V
SS = VSSA = 0 V, VDD = VDDA = 3.0–3.6 V, TA = –40° to +85°C
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency of operation (external clock driver)1
1.
See Figure 3-9 for details on using the recommended connection of an external clock driver.
fosc
0—
80
MHz
Clock Pulse Width2, 3
2.
The high or low pulse width must be no smaller than 6.25ns or the chip will not function. However, the high pulse width
does not have to be any particular percent of the low pulse width.
3.
Parameters listed are guaranteed by design.
tPW
6.25
—
—
ns
56F807
XTAL
EXTAL
External
VSS
Clock
External
Clock
VIH
VIL
Note: The midpoint is VIL + (VIH – VIL)/2.
90%
50%
10%
90%
50%
10%
tPW
tPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com