Electronic Components Datasheet Search
  English  ▼

X  

56F807 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 56F807 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
56F807 Technical Data Technical Data, Rev. 16
32
Freescale Semiconductor
3.4.4
Phase Locked Loop Timing
Table 3-9 PLL Timing
Operating Conditions: V
SS = VSSA = 0 V, VDD = VDDA = 3.0–3.6 V, TA = –40° to +85°C
Characteristic
Symbol
Min
Typ
Max
Unit
External reference crystal frequency for the PLL1
1.
An externally supplied reference clock should be as free as possible from any phase jitter for the PLL to work
correctly. The PLL is optimized for 8MHz input crystal.2.
fosc
48
10
MHz
PLL output frequency2
2.
ZCLK may not exceed 80MHz. For additional information on ZCLK and fout/2, please refer to the OCCS chapter in the
User Manual. ZCLK = fop
fout/2
40
—
110
MHz
PLL stabilization time3 0o to +85oC
3.
This is the minimum time required after the PLL set-up is changed to ensure reliable operation.
tplls
—1
10
ms
PLL stabilization time3 -40o to 0oC
tplls
—
100
200
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com