Electronic Components Datasheet Search
  English  ▼

X  

56F807 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 56F807 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
56F807 Technical Data Technical Data, Rev. 16
12
Freescale Semiconductor
2.5 Interrupt and Program Control Signals
Table 2-7 Data Bus Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
16
D0–D15
Input/O
utput
Tri-stated
Data Bus— D0–D15 specify the data for external program or data
memory accesses. D0–D15 are tri-stated when the external bus is
inactive. Internal pullups may be active.
Table 2-8 Bus Control Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
1
PS
Output
Tri-stated
Program Memory Select—PS is asserted low for external program
memory access.
1
DS
Output
Tri-stated
Data Memory Select—DS is asserted low for external data memory
access.
1
WR
Output
Tri-stated
Write Enable—WR is asserted during external memory write cycles.
When WR is asserted low, pins D0–D15 become outputs and the device
puts data on the bus. When WR is deasserted high, the external data is
latched inside the external device. When WR is asserted, it qualifies the
A0–A15, PS, and DS pins. WR can be connected directly to the WE pin of
a Static RAM.
1
RD
Output
Tri-stated
Read Enable—RD is asserted during external memory read cycles. When
RD is asserted low, pins D0–D15 become inputs and an external device is
enabled onto the device’s data bus. When RD is deasserted high, the
external data is latched inside the device. When RD is asserted, it qualifies
the A0–A15, PS, and DS pins. RD can be connected directly to the OE pin
of a Static RAM or ROM.
Table 2-9 Interrupt and Program Control Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
1
IRQA
Input
(Schmitt)
Input
External Interrupt Request A—The IRQA input is a synchronized
external interrupt request that indicates that an external device is
requesting service. It can be programmed to be level-sensitive or
negative-edge-triggered.
1
IRQB
Input
(Schmitt)
Input
External Interrupt Request B—The IRQB input is an external
interrupt request that indicates that an external device is requesting
service. It can be programmed to be level-sensitive or
negative-edge-triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com