Electronic Components Datasheet Search
  English  ▼

X  

56F807 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 56F807 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
External Bus Asynchronous Timing
56F807 Technical Data Technical Data, Rev. 16
Freescale Semiconductor
33
3.5 External Bus Asynchronous Timing
Table 3-10 External Bus Asynchronous Timing1,2
Operating Conditions: V
SS = VSSA = 0 V, VDD = VDDA = 3.0–3.6 V, TA = –40° to +85°C, CL ≤ 50pF, fop = 80MHz
Characteristic
Symbol
Min
Max
Unit
Address Valid to WR Asserted
tAWR
6.5
—
ns
WR Width Asserted
Wait states = 0
Wait states > 0
tWR
7.5
(T*WS)+7.5
—
—
ns
ns
WR Asserted to D0–D15 Out Valid
tWRD
—T + 4.2
ns
Data Out Hold Time from WR Deasserted
tDOH
4.8
—
ns
Data Out Set Up Time to WR Deasserted
Wait states = 0
Wait states > 0
tDOS
2.2
(T*WS)+6.4
—
—
ns
ns
RD Deasserted to Address Not Valid
tRDA
0—
ns
Address Valid to RD Deasserted
Wait states = 0
Wait states > 0
tARDD
18.7
(T*WS) + 18.7
—
ns
ns
Input Data Hold to RD Deasserted
tDRD
0—
ns
RD Assertion Width
Wait states = 0
Wait states > 0
tRD
19
(T*WS)+19
—
—
ns
ns
Address Valid to Input Data Valid
Wait states = 0
Wait states > 0
tAD
—
—
1
(T*WS)+1
ns
ns
Address Valid to RD Asserted
tARDA
-4.4
—
ns
RD Asserted to Input Data Valid
Wait states = 0
Wait states > 0
tRDD
—
—
2.4
(T*WS) + 2.4
ns
ns
WR Deasserted to RD Asserted
tWRRD
6.8
—
ns
RD Deasserted to RD Asserted
tRDRD
0—
ns
WR Deasserted to WR Asserted
tWRWR
14.1
—
ns
RD Deasserted to WR Asserted
tRDWR
12.8
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com