Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 13Page - NXP Semiconductors LPC1313 Datasheet HTML 14Page - NXP Semiconductors LPC1313 Datasheet HTML 15Page - NXP Semiconductors LPC1313 Datasheet HTML 16Page - NXP Semiconductors LPC1313 Datasheet HTML 17Page - NXP Semiconductors LPC1313 Datasheet HTML 18Page - NXP Semiconductors LPC1313 Datasheet HTML 19Page - NXP Semiconductors LPC1313 Datasheet HTML 20Page - NXP Semiconductors LPC1313 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
LPC1311_13_42_43
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 10 August 2010
17 of 62
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
7.6 Nested Vectored Interrupt Controller (NVIC)
The Nested Vectored Interrupt Controller (NVIC) is an integral part of the Cortex-M3. The
tight coupling to the CPU allows for low interrupt latency and efficient processing of late
arriving interrupts.
7.6.1 Features
• Controls system exceptions and peripheral interrupts.
• On the LPC1311/13/42/43, the NVIC supports 16 vectored interrupts. In addition, up
to 40 of the individual GPIO inputs are NVIC-vector capable.
Fig 6.
LPC1311/13/42/43 memory map
0x5000 0000
0x5001 0000
0x5002 0000
0x5020 0000
AHB peripherals
16 - 127 reserved
GPIO PIO1
4-7
0x5003 0000
0x5004 0000
GPIO PIO2
GPIO PIO3
8-11
12-15
GPIO PIO0
0-3
APB peripherals
0x4000 4000
0x4000 8000
0x4000 C000
0x4001 0000
0x4001 8000
0x4002 0000
0x4002 8000
0x4003 8000
0x4003 C000
0x4004 0000
0x4004 4000
0x4004 8000
0x4004 C000
0x4008 0000
0x4002 4000
0x4001 C000
0x4001 4000
0x4000 0000
WDT
32-bit counter/timer 0
32-bit counter/timer 1
ADC
UART
PMU
I2C-bus
10 - 13 reserved
reserved
19 - 31 reserved
0
1
2
3
4
5
6
7
8
9
16
15
14
17
18
reserved
reserved
0x0000 0000
0 GB
0.5 GB
4 GB
1 GB
0x0000 4000
0x0000 2000
0x1000 2000
0x1000 1000
0x1FFF 0000
0x1FFF 4000
0x2200 0000
0x2000 0000
0x2400 0000
0x4000 0000
0x4008 0000
0x5000 0000
0x5020 0000
0xFFFF FFFF
reserved
reserved
reserved
reserved
APB peripherals
AHB peripherals
AHB SRAM bit-band alias addressing
8 kB SRAM (LPC1313/1343)
0x1000 0000
4 kB SRAM (LPC1311/1342)
LPC1311/13/42/43
16 kB on-chip flash (LPC1342)
8 kB on-chip flash (LPC1311)
0x0000 8000
32 kB on-chip flash (LPC1313/43)
16 kB boot ROM
0x0000 0000
0x0000 0400
active interrupt vectors
+ 256 words
I-code/D-code
memory space
002aae723
reserved
reserved
SSP
16-bit counter/timer 1
16-bit counter/timer 0
USB (LPC1342/43 only)
IOCONFIG
system control
flash controller
0xE000 0000
0xE010 0000
private peripheral bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com