Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 34Page - NXP Semiconductors LPC1313 Datasheet HTML 35Page - NXP Semiconductors LPC1313 Datasheet HTML 36Page - NXP Semiconductors LPC1313 Datasheet HTML 37Page - NXP Semiconductors LPC1313 Datasheet HTML 38Page - NXP Semiconductors LPC1313 Datasheet HTML 39Page - NXP Semiconductors LPC1313 Datasheet HTML 40Page - NXP Semiconductors LPC1313 Datasheet HTML 41Page - NXP Semiconductors LPC1313 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
LPC1311_13_42_43
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 10 August 2010
38 of 62
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
9.4 Electrical pin characteristics
GPIO
-
0.21
0.80
1.17
GPIO pins configured as outputs and set to LOW. Direction
and pin state are maintained if the GPIO is disabled in the
SYSAHBCLKCFG register.
IOCONFIG
-
0.00
0.02
0.02
I2C
-
0.03
0.12
0.17
ROM
-
0.04
0.15
0.22
SSP
-
0.11
0.41
0.60
UART
-
0.200.761.11
WDT
-
0.01
0.05
0.08
Main clock selected as clock source for the WDT.
USB
-
-
3.91
-
Main clock selected as clock source for the USB. USB_DP
and USB_DM pulled LOW externally.
USB
-
1.84
4.19
5.71
Dedicated USB PLL selected as cock source for the USB.
USB_DP and USB_DM pulled LOW externally.
Table 10.
Power consumption for individual analog and digital blocks …continued
Peripheral
Typical supply current in mA
Notes
n/a
12 MHz
48 MHz
72 MHz
Conditions: VDD = 3.3 V; on pin PIO0_7.
Fig 14. High-drive output: Typical HIGH-level output voltage VOH versus HIGH-level
output current IOH.
IOH (mA)
0
60
40
20
10
50
30
002aae990
2.8
2.4
3.2
3.6
VOH
(V)
2
T = 85
°C
25
°C
−40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com