Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 52Page - NXP Semiconductors LPC1313 Datasheet HTML 53Page - NXP Semiconductors LPC1313 Datasheet HTML 54Page - NXP Semiconductors LPC1313 Datasheet HTML 55Page - NXP Semiconductors LPC1313 Datasheet HTML 56Page - NXP Semiconductors LPC1313 Datasheet HTML 57Page - NXP Semiconductors LPC1313 Datasheet HTML 58Page - NXP Semiconductors LPC1313 Datasheet HTML 59Page - NXP Semiconductors LPC1313 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
LPC1311_13_42_43
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 10 August 2010
56 of 62
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
Fig 33. Package outline (HVQFN33)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
- - -
hvqfn33_po
09-03-17
09-03-23
Unit
mm
max
nom
min
1.00
0.85
0.80
0.05
0.02
0.00
0.2
7.1
7.0
6.9
4.85
4.70
4.55
7.1
7.0
6.9
0.65
4.55
0.75
0.60
0.45
0.1
A(1)
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HVQFN33: plastic thermal enhanced very thin quad flat package; no leads;
33 terminals; body 7 x 7 x 0.85 mm
A1
b
0.35
0.28
0.23
cD(1)
Dh
E(1)
Eh
4.85
4.70
4.55
ee1
e2
4.55
Lv
0.1
w
0.05
y
0.08
y1
0
2.5
5 mm
scale
terminal 1
index area
B
A
D
E
C
y
C
y1
X
detail X
A1
A
c
b
e2
e1
e
e
A
C
B
v
C
w
terminal 1
index area
Dh
Eh
L
9
16
32
33
25
17
24
8
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com