Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 9Page - NXP Semiconductors LPC1313 Datasheet HTML 10Page - NXP Semiconductors LPC1313 Datasheet HTML 11Page - NXP Semiconductors LPC1313 Datasheet HTML 12Page - NXP Semiconductors LPC1313 Datasheet HTML 13Page - NXP Semiconductors LPC1313 Datasheet HTML 14Page - NXP Semiconductors LPC1313 Datasheet HTML 15Page - NXP Semiconductors LPC1313 Datasheet HTML 16Page - NXP Semiconductors LPC1313 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
LPC1311_13_42_43
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 10 August 2010
13 of 62
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
PIO0_5/SDA
11[4] yes
I/O
I; IA
PIO0_5 — General purpose digital input/output pin (open-drain).
I/O
-
SDA — I2C-bus data input/output (open-drain). High-current sink only if
I2C Fast-mode Plus is selected in the I/O configuration register.
PIO0_6/
USB_CONNECT/
SCK
15[3] yes
I/O
I; PU
PIO0_6 — General purpose digital input/output pin.
O-
USB_CONNECT — Signal used to switch an external 1.5 k
Ω resistor
under software control. Used with the SoftConnect USB feature
(LPC1342/43 only).
I/O
-
SCK — Serial clock for SSP.
PIO0_7/CTS
16[3] yes
I/O
I; PU
PIO0_7 — General purpose digital input/output pin (high-current output
driver).
I-
CTS — Clear To Send input for UART.
PIO0_8/MISO/
CT16B0_MAT0
17[3] yes
I/O
I; PU
PIO0_8 — General purpose digital input/output pin.
I/O
-
MISO — Master In Slave Out for SSP.
O-
CT16B0_MAT0 — Match output 0 for 16-bit timer 0.
PIO0_9/MOSI/
CT16B0_MAT1/
SWO
18[3] yes
I/O
I; PU
PIO0_9 — General purpose digital input/output pin.
I/O
-
MOSI — Master Out Slave In for SSP.
O-
CT16B0_MAT1 — Match output 1 for 16-bit timer 0.
O-
SWO — Serial wire trace output.
SWCLK/PIO0_10/
SCK/
CT16B0_MAT2
19[3] yes
I
I; PU
SWCLK — Serial wire clock.
I/O
-
PIO0_10 — General purpose digital input/output pin.
O-
SCK — Serial clock for SSP.
O-
CT16B0_MAT2 — Match output 2 for 16-bit timer 0.
R/PIO0_11/AD0/
CT32B0_MAT3
21[5] yes
-
I; PU
R — Reserved. Configure for an alternate function in the IOCONFIG
block.
I/O
-
PIO0_11 — General purpose digital input/output pin.
I-
AD0 — A/D converter, input 0.
O-
CT32B0_MAT3 — Match output 3 for 32-bit timer 0.
R/PIO1_0/AD1/
CT32B1_CAP0
22[5] yes
-
I; PU
R — Reserved. Configure for an alternate function in the IOCONFIG
block.
I/O
-
PIO1_0 — General purpose digital input/output pin.
I-
AD1 — A/D converter, input 1.
I-
CT32B1_CAP0 — Capture input 0 for 32-bit timer 1.
R/PIO1_1/AD2/
CT32B1_MAT0
23[5] yes
-
I; PU
R — Reserved. Configure for an alternate function in the IOCONFIG
block.
I/O
-
PIO1_1 — General purpose digital input/output pin.
I-
AD2 — A/D converter, input 2.
O-
CT32B1_MAT0 — Match output 0 for 32-bit timer 1.
Table 4.
LPC1311/13/42/43 HVQFN33 pin description table …continued
Symbol
Pin
Start
logic
input
Type Reset
state
[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com