Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 5Page - NXP Semiconductors LPC1313 Datasheet HTML 6Page - NXP Semiconductors LPC1313 Datasheet HTML 7Page - NXP Semiconductors LPC1313 Datasheet HTML 8Page - NXP Semiconductors LPC1313 Datasheet HTML 9Page - NXP Semiconductors LPC1313 Datasheet HTML 10Page - NXP Semiconductors LPC1313 Datasheet HTML 11Page - NXP Semiconductors LPC1313 Datasheet HTML 12Page - NXP Semiconductors LPC1313 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
LPC1311_13_42_43
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 10 August 2010
9 of 62
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
6.2 Pin description
Table 3.
LPC1313/43 LQFP48 pin description table
Symbol
Pin
Start
logic
input
Type Reset
state
[1]
Description
RESET/PIO0_0
3[2]
yes
I
I; PU
RESET — External reset input: A LOW on this pin resets the device,
causing I/O ports and peripherals to take on their default states, and
processor execution to begin at address 0.
I/O
-
PIO0_0 — General purpose digital input/output pin.
PIO0_1/CLKOUT/
CT32B0_MAT2/
USB_FTOGGLE
4[3]
yes
I/O
I; PU
PIO0_1 — General purpose digital input/output pin. A LOW level on
this pin during reset starts the ISP command handler or the USB device
enumeration (USB on LPC1343 only, see description of PIO0_3).
O-
CLKOUT — Clockout pin.
O-
CT32B0_MAT2 — Match output 2 for 32-bit timer 0.
O-
USB_FTOGGLE — USB 1 ms Start-of-Frame signal (LPC1343 only).
PIO0_2/SSEL/
CT16B0_CAP0
10[3] yes
I/O
I; PU
PIO0_2 — General purpose digital input/output pin.
I/O
-
SSEL — Slave select for SSP.
I-
CT16B0_CAP0 — Capture input 0 for 16-bit timer 0.
PIO0_3/USB_VBUS 14[3] yes
I/O
I; PU
PIO0_3 — General purpose digital input/output pin. LPC1343 only: A
LOW level on this pin during reset starts the ISP command handler, a
HIGH level starts the USB device enumeration.
I-
USB_VBUS — Monitors the presence of USB bus power (LPC1343
only).
PIO0_4/SCL
15[4] yes
I/O
I; IA
PIO0_4 — General purpose digital input/output pin (open-drain).
I/O
-
SCL — I2C-bus clock input/output (open-drain). High-current sink only
if I2C Fast-mode Plus is selected in the I/O configuration register.
PIO0_5/SDA
16[4] yes
I/O
I; IA
PIO0_5 — General purpose digital input/output pin (open-drain).
I/O
-
SDA — I2C-bus data input/output (open-drain). High-current sink only if
I2C Fast-mode Plus is selected in the I/O configuration register.
PIO0_6/
USB_CONNECT/
SCK
22[3] yes
I/O
I; PU
PIO0_6 — General purpose digital input/output pin.
O-
USB_CONNECT — Signal used to switch an external 1.5 k
Ω resistor
under software control. Used with the SoftConnect USB feature
(LPC1343 only).
I/O
-
SCK — Serial clock for SSP.
PIO0_7/CTS
23[3] yes
I/O
I; PU
PIO0_7 — General purpose digital input/output pin (high-current output
driver).
I-
CTS — Clear To Send input for UART.
PIO0_8/MISO/
CT16B0_MAT0
27[3] yes
I/O
I; PU
PIO0_8 — General purpose digital input/output pin.
I/O
-
MISO — Master In Slave Out for SSP.
O-
CT16B0_MAT0 — Match output 0 for 16-bit timer 0.
PIO0_9/MOSI/
CT16B0_MAT1/
SWO
28[3] yes
I/O
I; PU
PIO0_9 — General purpose digital input/output pin.
I/O
-
MOSI — Master Out Slave In for SSP.
O-
CT16B0_MAT1 — Match output 1 for 16-bit timer 0.
O-
SWO — Serial wire trace output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com