Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 33Page - NXP Semiconductors LPC1313 Datasheet HTML 34Page - NXP Semiconductors LPC1313 Datasheet HTML 35Page - NXP Semiconductors LPC1313 Datasheet HTML 36Page - NXP Semiconductors LPC1313 Datasheet HTML 37Page - NXP Semiconductors LPC1313 Datasheet HTML 38Page - NXP Semiconductors LPC1313 Datasheet HTML 39Page - NXP Semiconductors LPC1313 Datasheet HTML 40Page - NXP Semiconductors LPC1313 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
LPC1311_13_42_43
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 10 August 2010
37 of 62
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
9.3 Peripheral power consumption
The supply current per peripheral is measured as the difference in supply current between
the peripheral block enabled and the peripheral block disabled in the SYSAHBCLKCFG or
PDRUNCFG (for analog blocks) registers. All other blocks are disabled in both registers
and no code is executed. Measured on a typical sample at Tamb =25
°C. Unless noted
otherwise, the system oscillator and PLL are running in both measurements.
The supply currents are shown for system clock frequencies of 12 MHz, 48 MHz, and
72 MHz.
Fig 13. Typical supply current versus temperature in Deep power-down mode
002aae996
0.4
0.6
1.2
IDD
(
μA)
0
temperature (
°C)
−40
85
35
10
60
−15
VDD = 3.6 V
3.3 V
2.0 V
Table 10.
Power consumption for individual analog and digital blocks
Peripheral
Typical supply current in mA
Notes
n/a
12 MHz
48 MHz
72 MHz
IRC
0.23
-
-
-
System oscillator running; PLL off; independent of main clock
frequency.
System oscillator
at 12 MHz
0.23
-
-
-
IRC running; PLL off; independent of main clock frequency.
Watchdog
oscillator at
500 kHz/2
0.002
-
-
-
System oscillator running; PLL off; independent of main clock
frequency.
BOD
0.045
-
-
-
Independent of main clock frequency.
Main or USB PLL
-
0.26
0.34
0.48
ADC
-
0.07
0.25
0.37
CLKOUT
-
0.14
0.56
0.82
Main clock divided by 4 in the CLKOUTDIV register.
CT16B0
-
0.010.050.08
CT16B1
-
0.010.040.06
CT32B0
-
0.010.050.07
CT32B1
-
0.010.040.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com