Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 54Page - NXP Semiconductors LPC1313 Datasheet HTML 55Page - NXP Semiconductors LPC1313 Datasheet HTML 56Page - NXP Semiconductors LPC1313 Datasheet HTML 57Page - NXP Semiconductors LPC1313 Datasheet HTML 58Page - NXP Semiconductors LPC1313 Datasheet HTML 59Page - NXP Semiconductors LPC1313 Datasheet HTML 60Page - NXP Semiconductors LPC1313 Datasheet HTML 61Page - NXP Semiconductors LPC1313 Datasheet HTML 62Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 58 / 62 page
background image
LPC1311_13_42_43
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 10 August 2010
58 of 62
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
14. Revision history
Table 22.
Revision history
Document ID
Release date
Data sheet status
Change notice Supersedes
LPC1311_13_42_43 v.3
20100810
Product data sheet
-
LPC1311_13_42_43 v.2
Modifications:
• VESD limit changed to −6500 V (min) /+6500 V (max) in Table 6.
• Reset state of pins and start logic functionality added in Table 3 to Table 4.
• Section 7.18.1 added.
• Table “Power consumption in Deep-sleep mode for individual analog blocks” removed.
• Deep-sleep mode functionality changed to allow BOD and watchdog oscillator as the
only analog blocks allowed to remain running in Deep-sleep mode (Section 7.17.5.2).
• VDD range changed to 3.0 ≤ VDD ≤ 3.6 V in Table 15.
• Tcy(CLK) conditions updated in Table 17.
• Size of GPIO registers updated in Figure 6.
• Editorial updates.
• Template updated.
LPC1311_13_42_43 v.2
20100506
Product data sheet
-
LPC1311_13_42_43 v.1
LPC1311_13_42_43 v.1
20091211
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com