Electronic Components Datasheet Search
  English  ▼

X  

AD5433 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5433
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5433 Datasheet(HTML) 4 Page - Analog Devices

  AD5433 Datasheet HTML 1Page - Analog Devices AD5433 Datasheet HTML 2Page - Analog Devices AD5433 Datasheet HTML 3Page - Analog Devices AD5433 Datasheet HTML 4Page - Analog Devices AD5433 Datasheet HTML 5Page - Analog Devices AD5433 Datasheet HTML 6Page - Analog Devices AD5433 Datasheet HTML 7Page - Analog Devices AD5433 Datasheet HTML 8Page - Analog Devices AD5433 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 4 of 32
Parameter
Min
Typ
Max
Unit
Conditions
Output Capacitance
IOUT1
12
17
pF
All 0s loaded
25
30
pF
All 1s loaded
IOUT2
22
25
pF
All 0s loaded
10
12
pF
All 1s loaded
Digital Feedthrough
1
nV-s
Feedthrough to DAC output with CS high and
alternate loading of all 0s and all 1s
Analog THD
81
dB
VREF = 3.5 V p-p, all 1s loaded, f = 100 kHz
Digital THD
Clock = 10 MHz, VREF = 3.5 V
50 kHz fOUT
65
dB
Output Noise Spectral Density
25
nV√Hz
@ 1 kHz
SFDR Performance (Wide Band)
AD5445, VREF = 3.5 V
Clock = 10 MHz
500 kHz fOUT
55
dB
100 kHz fOUT
63
dB
50 kHz fOUT
65
dB
Clock = 25 MHz
500 kHz fOUT
50
dB
100 kHz fOUT
60
dB
50 kHz fOUT
62
dB
SFDR Performance (Narrow Band)
AD5445, VREF = 3.5 V
Clock = 10 MHz
500 kHz fOUT
73
dB
100 kHz fOUT
80
dB
50 kHz fOUT
82
dB
Clock = 25 MHz
500 kHz fOUT
70
dB
100 kHz fOUT
75
dB
50 kHz fOUT
80
dB
Intermodulation Distortion
AD5445, VREF = 3.5 V
Clock = 10 MHz
f1 = 400 kHz, f2 = 500 kHz
65
dB
f1 = 40 kHz, f2 = 50 kHz
72
dB
Clock = 25 MHz
f1 = 400 kHz, f2 = 500 kHz
51
dB
f1 = 40 kHz, f2 = 50 kHz
65
dB
POWER REQUIREMENTS
Power Supply Range
2.5
5.5
V
IDD
0.6
μA
TA = 25°C, logic inputs = 0 V or VDD
0.4
5
μA
Logic inputs = 0 V or VDD, T= −40°C to +125°C
Power Supply Sensitivity
0.001
%/%
ΔVDD = ±5%
1 Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com