Electronic Components Datasheet Search
  English  ▼

X  

AD5433 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5433
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5433 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5433 Datasheet HTML 13Page - Analog Devices AD5433 Datasheet HTML 14Page - Analog Devices AD5433 Datasheet HTML 15Page - Analog Devices AD5433 Datasheet HTML 16Page - Analog Devices AD5433 Datasheet HTML 17Page - Analog Devices AD5433 Datasheet HTML 18Page - Analog Devices AD5433 Datasheet HTML 19Page - Analog Devices AD5433 Datasheet HTML 20Page - Analog Devices AD5433 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 17 of 32
THEORY OF OPERATION
The AD5424, AD5433, and AD5445 are 8-, 10-, and 12-bit
current output DACs consisting of a standard inverting R-2R
ladder configuration. A simplified diagram for the 8-bit
AD5424 is shown in Figure 48. The matching feedback resistor
RFB has a value of R. The value of R is typically 10 kΩ (mini-
mum 8 kΩ and maximum 12 kΩ). If IOUT1 and IOUT2 are kept at
the same potential, a constant current flows in each ladder leg,
regardless of digital input code. Therefore, the input resistance
presented at VREF is always constant and nominally of resistance
value R. The DAC output (IOUT) is code-dependent, producing
various resistances and capacitances. External amplifier choice
should take into account the variation in impedance generated
by the DAC on the amplifiers inverting input node.
VREF
RR
R
R
2R
S1
S2
S3
S8
2R
2R
2R
2R
DAC DATA LATCHES
AND DRIVERS
RFBA
IOUT1
IOUT2
Figure 48. Simplified Ladder
Access is provided to the VREF, RFB, IOUT1, and IOUT2 terminals of
the DAC, making the device extremely versatile and allowing it
to be configured in several different operating modes, for
example, to provide a unipolar output, 4-quadrant multipli-
cation in bipolar mode or in single-supply modes of operation.
Note that a matching switch is used in series with the internal
RFB feedback resistor. If users attempt to measure RFB, power
must be applied to VDD to achieve continuity.
CIRCUIT OPERATION
Unipolar Mode
Using a single op amp, these devices can easily be configured to
provide 2-quadrant multiplying operation or a unipolar output
voltage swing, as shown in Figure 49.
When an output amplifier is connected in unipolar mode, the
output voltage is given by
n
REF
OUT
D
V
V
2
×
−
=
where D is the fractional representation of the digital word
loaded to the DAC and n is the resolution of the DAC.
D = 0 to 255 (8-bit AD5424)
= 0 to 1023 (10-bit AD5433)
= 0 to 4095 (12-bit AD5445)
Note that the output voltage polarity is opposite to the VREF
polarity for dc reference voltages.
These DACs are designed to operate with either negative or
positive reference voltages. The VDD power pin is only used by
the internal digital logic to drive the DAC switches’ on and
off states.
These DACs are also designed to accommodate ac reference
input signals in the range of –10 V to +10 V.
With a fixed 10 V reference, the circuit shown in Figure 49 gives
a unipolar 0 V to –10 V output voltage swing. When VIN is an ac
signal, the circuit performs 2-quadrant multiplication.
Table 7 shows the relationship between digital code and
expected output voltage for unipolar operation (AD5424,
8-bit device).
Table 7. Unipolar Code Table
Digital Input
Analog Output (V)
1111 1111
–VREF (255/256)
1000 0000
–VREF (128/256) = –VREF/2
0000 0001
VREF (1/256)
0000 0000
VREF (0/256) = 0
VREF
VREF
VDD
VDD
R/W
R1
R2
IOUT1
IOUT2
CS
RFB
GND
C1
A1
AGND
DATA
INPUTS
VOUT =
0 TO –VREF
R1 AND R2 USED ONLY IF GAIN ADJUSTMENT IS REQUIRED.
C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
NOTES:
1.
2.
AD5424/
AD5433/
AD5445
Figure 49. Unipolar Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com