Electronic Components Datasheet Search
  English  ▼

X  

AD5433 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5433
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5433 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5433 Datasheet HTML 2Page - Analog Devices AD5433 Datasheet HTML 3Page - Analog Devices AD5433 Datasheet HTML 4Page - Analog Devices AD5433 Datasheet HTML 5Page - Analog Devices AD5433 Datasheet HTML 6Page - Analog Devices AD5433 Datasheet HTML 7Page - Analog Devices AD5433 Datasheet HTML 8Page - Analog Devices AD5433 Datasheet HTML 9Page - Analog Devices AD5433 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 6 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
–0.3 V to +7 V
VREF, RFB to GND
–12 V to +12 V
IOUT1, IOUT2 to GND
–0.3 V to +7 V
Logic Inputs and Output1
–0.3 V to VDD + 0.3 V
Operating Temperature Range
Extended Industrial (Y Version)
–40°C to +125°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
16-Lead TSSOP θJA Thermal Impedance
150°C/W
20-Lead TSSOP θJA Thermal Impedance
143°C/W
20-Lead LFCSP θJA Thermal Impedance
135°C/W
Lead Temperature, Soldering (10 sec)
300°C
IR Reflow, Peak Temperature (<20 sec)
235°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1 Overvoltages at DBx, CS, and R/W, are clamped by internal diodes.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com