Electronic Components Datasheet Search
  English  ▼

X  

AD5433 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5433
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5433 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5433 Datasheet HTML 8Page - Analog Devices AD5433 Datasheet HTML 9Page - Analog Devices AD5433 Datasheet HTML 10Page - Analog Devices AD5433 Datasheet HTML 11Page - Analog Devices AD5433 Datasheet HTML 12Page - Analog Devices AD5433 Datasheet HTML 13Page - Analog Devices AD5433 Datasheet HTML 14Page - Analog Devices AD5433 Datasheet HTML 15Page - Analog Devices AD5433 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 12 of 32
0
2
4
6
8
10
12
14
10k
1k
10
100
1
100k
1M
10M
100M
FREQUENCY (Hz)
VDD = 5V
VDD = 2.5V
VDD = 3V
TA = 25°C
LOADING ZS TO FS
Figure 27. Supply Current vs. Update Rate
10k
1k
10
100
1
100k
1M
10M
100M
FREQUENCY (Hz)
–102
–96
–90
–84
–78
–72
–66
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
6
TA = 25°C
LOADING
ZS TO FS
ALL ON
ALL OFF
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
TA = 25°C
VDD = 5V
VREF = ±3.5V
INPUT
CCOMP = 1.8pF
AD8038 AMPLIFIER
AD5445 DAC
Figure 28. Reference Multiplying Bandwidth vs. Frequency and Code
–0.8
–0.6
–0.4
–0.2
0
0.2
10k
1k
10
100
1
100k
1M
10M
100M
FREQUENCY (Hz)
TA = 25°C
VDD = 5V
VREF = ±3.5V
CCOMP = 1.8pF
AD8038 AMPLIFIER
AD5445 DAC
Figure 29. Reference Multiplying Bandwidth—All 1s Loaded
–9
–6
–3
0
3
FREQUENCY (Hz)
100k
10k
1M
10M
100M
TA = 25°C
VDD = 5V
AD5445
VREF = ±2V, AD8038 CC 1.47pF
VREF = ±2V, AD8038 CC 1pF
VREF = ±0.15V, AD8038 CC 1pF
VREF = ±0.15V, AD8038 CC 1.47pF
VREF = ±3.51V, AD8038 CC 1.8pF
Figure 30. Reference Multiplying Bandwidth vs. Frequency and
Compensation Capacitor
–0.010
–0.005
0.005
0.025
0.035
0.045
0.015
0
0.020
0.030
0.040
0.010
0
20
40
60
80
100
120
140
160
180
200
TIME (ns)
TA = 25°C
VREF = 0V
AD8038 AMPLIFIER
CCOMP = 1.8pF
0x7FF TO 0x800
0x800 TO 0x7FF
VDD = 5V
VDD = 3V
VDD = 3V
VDD = 5V
Figure 31. Midscale Transition, VREF = 0 V
0
20
40
60
80
100
120
140
160
180
200
TIME (ns)
–1.77
–1.76
–1.75
–1.74
–1.73
–1.72
–1.71
–1.70
–1.69
–1.68
0x7FF TO 0x800
0x800 TO 0x7FF
VDD = 5V
VDD = 3V
VDD = 3V
VDD = 5V
TA = 25°C
VREF = 3.5V
AD8038 AMPLIFIER
CCOMP = 1.8pF
Figure 32. Midscale Transition, VREF = 3.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com