Electronic Components Datasheet Search
  English  ▼

X  

AD5433 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5433
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5433 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5433 Datasheet HTML 10Page - Analog Devices AD5433 Datasheet HTML 11Page - Analog Devices AD5433 Datasheet HTML 12Page - Analog Devices AD5433 Datasheet HTML 13Page - Analog Devices AD5433 Datasheet HTML 14Page - Analog Devices AD5433 Datasheet HTML 15Page - Analog Devices AD5433 Datasheet HTML 16Page - Analog Devices AD5433 Datasheet HTML 17Page - Analog Devices AD5433 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 14 of 32
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FREQUENCY (MHz)
TA = 25°C
VDD = 5V
AMP = AD8038
AD5445
65k CODES
Figure 39. Wideband SFDR, fOUT = 500 kHz, Clock = 10 MHz
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FREQUENCY (MHz)
TA = 25°C
VDD = 5V
AMP = AD8038
AD5445
65k CODES
Figure 40. Wideband SFDR, fOUT = 50 kHz, Clock = 10 MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
250
300
350
400
450
500
550
600
650
700
750
FREQUENCY (kHz)
TA = 25°C
VDD = 3V
AMP = AD8038
AD5445
65k CODES
Figure 41. Narrow-Band Spectral Response, fOUT = 500 kHz, Clock = 25 MHz
–120
–100
–80
–60
–40
–20
0
20
50
60
70
80
90
100
110
120
130
140
150
FREQUENCY (kHz)
TA = 25°C
VDD = 3V
AMP = AD8038
AD5445
65k CODES
Figure 42. Narrow-Band SFDR, fOUT = 100 kHz, MCLK = 25 MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
200
250
300
350
400
450
500
550
600
650
700
FREQUENCY (kHz)
TA = 25°C
VDD = 3V
AMP = AD8038
AD5445
65k CODES
Figure 43. Narrow-Band IMD, fOUT = 400 kHz, 500 kHz, Clock = 10 MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
70
75
80
85
90
95
100
105
110
115
120
FREQUENCY (kHz)
TA = 25°C
VDD = 3V
AMP = AD8038
AD5445
65k CODES
Figure 44. Narrow-Band IMD, fOUT = 90 kHz, 100 kHz, Clock = 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com