Electronic Components Datasheet Search
  English  ▼

X  

AD5433 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5433
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5433 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5433 Datasheet HTML 17Page - Analog Devices AD5433 Datasheet HTML 18Page - Analog Devices AD5433 Datasheet HTML 19Page - Analog Devices AD5433 Datasheet HTML 20Page - Analog Devices AD5433 Datasheet HTML 21Page - Analog Devices AD5433 Datasheet HTML 22Page - Analog Devices AD5433 Datasheet HTML 23Page - Analog Devices AD5433 Datasheet HTML 24Page - Analog Devices AD5433 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 21 of 32
Table 9. Suitable ADI Precision References
Part No.
Output Voltage (V)
Initial Tolerance (%)
Temp Drift (ppm/°C)
ISS (mA)
Output Noise (μV p-p)
Package
ADR01
10
0.05
3
1
20
SOIC-8
ADR01
10
0.05
9
1
20
TSOT-23, SC70
ADR02
5
0.06
3
1
10
SOIC-8
ADR02
5
0.06
9
1
10
TSOT-23, SC70
ADR03
2.5
0.10
3
1
6
SOIC-8
ADR03
2.5
0.10
9
1
6
TSOT-23, SC70
ADR06
3
0.10
3
1
10
SOIC-8
ADR06
3
0.10
9
1
10
TSOT-23, SC70
ADR431
2.5
0.04
3
0.8
3.5
SOIC-8
ADR435
5
0.04
3
0.8
8
SOIC-8
ADR391
2.5
0.16
9
0.12
5
TSOT-23
ADR395
5
0.10
9
0.12
8
TSOT-23
Table 10. Suitable ADI Precision Op Amps
Part No.
Supply Voltage (V)
VOS (Max) (μV)
IB (Max) (nA)
0.1 Hz to 10 Hz
Noise (μV p-p)
Supply Current (μA)
Package
OP97
±2 to ±20
25
0.1
0.5
600
SOIC-8
OP1177
±2.5 to ±15
60
2
0.4
500
MSOP, SOIC-8
AD8551
2.7 to 5
5
0.05
1
975
MSOP, SOIC-8
AD8603
1.8 to 6
50
0.001
2.3
50
TSOT
AD8628
2.7 to 6
5
0.1
0.5
850
TSOT, SOIC-8
Table 11. Suitable ADI High Speed Op Amps
Part No.
Supply Voltage (V)
BW @ ACL (MHz)
Slew Rate (V/μs)
VOS (Max) (μV)
IB (Max) (nA)
Package
AD8065
5 to 24
145
180
1500
6000
SOIC-8, SOT-23,MSOP
AD8021
±2.5 to ±12
490
120
1000
10500
SOIC-8, MSOP
AD8038
3 to 12
350
425
3000
750
SOIC-8, SC70-5
AD9631
±3 to ±6
320
1300
10000
7000
SOIC-8
REFERENCE SELECTION
When selecting a reference for use with the AD5424/AD5433/
AD5445 family of current output DACs, pay attention to the
reference’s output voltage temperature coefficient specification.
This parameter not only affects the full-scale error, but can also
affect the linearity (INL and DNL) performance. The reference
temperature coefficient should be consistent with the system
accuracy specifications. For example, an 8-bit system required
to hold its overall specification to within 1 LSB over the temp-
erature range 0°C to 50°C dictates that the maximum system
drift with temperature should be less than 78 ppm/°C.
A 12-bit system with the same temperature range to overall
specification within 2 LSBs requires a maximum drift of
10 ppm/°C. By choosing a precision reference with low output
temperature coefficient this error source can be minimized.
Table 9 suggests some references available from Analog Devices
that are suitable for use with this range of current output DACs.
AMPLIFIER SELECTION
The primary requirement for the current-steering mode is an
amplifier with low input bias currents and low input offset
voltage. The input offset voltage of an op amp is multiplied by
the variable gain (due to the code dependent output resistance
of the DAC) of the circuit. A change in the noise gain between
two adjacent digital fractions produces a step change in the
output voltage due to the amplifier’s input offset voltage. This
output voltage change is superimposed on the desired change in
output between the two codes and gives rise to a differential
linearity error, which, if large enough, could cause the DAC to
be nonmonotonic. In general, the input offset voltage should
be <1/4 LSB to ensure monotonic behavior when stepping
through codes.
The input bias current of an op amp also generates an offset
at the voltage output as a result of the bias current flowing
into the feedback resistor, RFB. Most op amps have input bias
currents low enough to prevent significant errors in
12-bit applications.
Common-mode rejection of the op amp is important in
voltage-switching circuits, since it produces a code dependent
error at the voltage output of the circuit. Most op amps have
adequate common mode rejection for use at 8-, 10-, and 12-bit
resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com