Electronic Components Datasheet Search
  English  ▼

X  

AD5433 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5433
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5433 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5433 Datasheet HTML 3Page - Analog Devices AD5433 Datasheet HTML 4Page - Analog Devices AD5433 Datasheet HTML 5Page - Analog Devices AD5433 Datasheet HTML 6Page - Analog Devices AD5433 Datasheet HTML 7Page - Analog Devices AD5433 Datasheet HTML 8Page - Analog Devices AD5433 Datasheet HTML 9Page - Analog Devices AD5433 Datasheet HTML 10Page - Analog Devices AD5433 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 7 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
16
10
11
12
13
14
15
AD5424
(Not to Scale)
IOUT1
IOUT2
GND
DB7
DB6
DB5
DB4
RFB
VREF
VDD
R/W
CS
DB0 (LSB)
DB1
R/W
CS
NC
NC
NC
GND
DB7
DB6
DB5
DB4
15
14
13
12
11
1
2
3
4
5
20 19 18 17 16
6 789 10
AD5424
TOP VIEW
PIN 1
INDICATOR
8
9
DB3
DB2
Figure 3. AD5424 Pin Configuration (TSSOP)
NC = NO CONNECT
Figure 4. AD5424 Pin Configuration (LFCSP)
Table 4. AD5424 Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Description
1
19
IOUT1
DAC Current Output.
2
20
IOUT2
DAC Analog Ground. This pin should normally be tied to the analog ground of the system.
3
1
GND
Ground.
4–11
2–9
DB7–DB0
Parallel Data Bits 7 to 0.
10–13
NC
No Internal Connection.
12
14
CS
Chip Select Input. Active low. Used in conjunction with R/W to load parallel data to the input latch or to
read data from the DAC register. Rising edge of CS loads data.
13
15
R/W
Read/Write. When low, use in conjunction with CS to load parallel data. When high, use with CS to read
back contents of DAC register.
14
16
VDD
Positive Power Supply Input. These parts can be operated from a supply of 2.5 V to 5.5 V.
15
17
VREF
DAC Reference Voltage Input Terminal.
16
18
RFB
DAC Feedback Resistor Pin. Establish voltage output for the DAC by connecting to external amplifier
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com