Electronic Components Datasheet Search
  English  ▼

X  

AD5433 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5433
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5433 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5433 Datasheet HTML 11Page - Analog Devices AD5433 Datasheet HTML 12Page - Analog Devices AD5433 Datasheet HTML 13Page - Analog Devices AD5433 Datasheet HTML 14Page - Analog Devices AD5433 Datasheet HTML 15Page - Analog Devices AD5433 Datasheet HTML 16Page - Analog Devices AD5433 Datasheet HTML 17Page - Analog Devices AD5433 Datasheet HTML 18Page - Analog Devices AD5433 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 15 of 32
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
20
25
30
35
40
45
50
55
60
65
70
FREQUENCY (kHz)
TA = 25°C
VDD = 5V
AMP = AD8038
AD5445
65k CODES
MCLK 10MHz
VDD 5V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
20
40
60
80
100
120
140
160
180
200
FREQUENCY (kHz)
TA = 25°C
VDD = 5V
AMP = AD8038
AD5445
65k CODES
Figure 45. Narrow-Band IMD, fOUT = 40 kHz, 50 kHz, Clock = 10 MHz
Figure 47. Wideband IMD, fOUT = 60 kHz, 50 kHz, Clock = 10 MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
200
150
50
100
0
250
300
350
400
FREQUENCY (kHz)
TA = 25°C
VDD = 5V
AMP = AD8038
AD5445
65k CODES
Figure 46. Wideband IMD, fOUT = 90 kHz, 100 kHz, Clock = 25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com