Electronic Components Datasheet Search
  English  ▼

X  

AD5433 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5433
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5433 Datasheet(HTML) 3 Page - Analog Devices

  AD5433 Datasheet HTML 1Page - Analog Devices AD5433 Datasheet HTML 2Page - Analog Devices AD5433 Datasheet HTML 3Page - Analog Devices AD5433 Datasheet HTML 4Page - Analog Devices AD5433 Datasheet HTML 5Page - Analog Devices AD5433 Datasheet HTML 6Page - Analog Devices AD5433 Datasheet HTML 7Page - Analog Devices AD5433 Datasheet HTML 8Page - Analog Devices AD5433 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 3 of 32
SPECIFICATIONS
VDD = 2.5 V to 5.5 V, VREF = 10 V, IOUT2 = 0 V. Temperature range for Y version: −40°C to +125°C. All specifications TMIN to TMAX, unless
otherwise noted. DC performance measured with OP177and ac performance measured with AD8038, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Conditions
STATIC PERFORMANCE
AD5424
Resolution
8
Bits
Relative Accuracy
±0.25
LSB
Differential Nonlinearity
±0.5
LSB
Guaranteed monotonic
AD5433
Resolution
10
Bits
Relative Accuracy
±0.5
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic
AD5445
Resolution
12
Bits
Relative Accuracy
±1
LSB
Differential Nonlinearity
–1/+2
LSB
Guaranteed monotonic
Gain Error
±10
mV
Gain Error Temperature Coefficient1
±5
ppm FSR/°C
Output Leakage Current1
±10
nA
Data = 0×0000, TA = 25°C, IOUT1
±20
nA
Data = 0×0000, T = −40°C to +125°C, IOUT1
REFERENCE INPUT1
Reference Input Range
±10
V
VREF Input Resistance
8
10
12
kΩ
Input resistance TC = –50 ppm/°C
RFB Resistance
8
10
12
kΩ
Input resistance TC = –50 ppm/°C
Input Capacitance
Code Zero Scale
3
6
pF
Code Full Scale
5
8
pF
DIGITAL INPUTS/OUTPUT1
Input High Voltage, VIH
1.7
V
Input Low Voltage, VIL
0.6
V
Output High Voltage, VOH
VDD − 1
V
VDD = 4.5 V to 5 V, ISOURCE = 200 μA
VDD − 0.5
V
VDD = 2.5 V to 3.6 V, ISOURCE = 200 μA
Output Low Voltage, VOL
0.4
V
VDD = 4.5 V to 5 V, ISINK = 200 μA
0.4
V
VDD = 2.5 V to 3.6 V, ISINK = 200 μA
Input Leakage Current, IIL
1
μA
Input Capacitance
4
10
pF
DYNAMIC PERFORMANCE1
Reference Multiplying Bandwidth
10
MHz
VREF = ±3.5 V; DAC loaded all 1s
Output Voltage Settling Time
VREF = ±3.5 V, RLOAD = 100 Ω, DAC latch
alternately loaded with 0s and 1s
Measured to ±16 mV of full scale
30
60
ns
Measured to ±4 mV of full scale
35
70
ns
Measured to ±1 mV of full scale
80
120
ns
Digital Delay
20
40
ns
Interface delay time
10% to 90% Settling Time
15
30
ns
Rise and fall time, VREF = 10 V, RLOAD = 100 Ω
Digital-to-Analog Glitch Impulse
2
nV-s
1 LSB change around major carry, VREF = 0 V
Multiplying Feedthrough Error
DAC latch loaded with all 0s, VREF = ±3.5 V
70
dB
Reference = 1 MHz
48
dB
Reference = 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com