Electronic Components Datasheet Search
  English  ▼

X  

AD5433 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5433
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5433 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5433 Datasheet HTML 24Page - Analog Devices AD5433 Datasheet HTML 25Page - Analog Devices AD5433 Datasheet HTML 26Page - Analog Devices AD5433 Datasheet HTML 27Page - Analog Devices AD5433 Datasheet HTML 28Page - Analog Devices AD5433 Datasheet HTML 29Page - Analog Devices AD5433 Datasheet HTML 30Page - Analog Devices AD5433 Datasheet HTML 31Page - Analog Devices AD5433 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 29 of 32
ORDERING GUIDE
Model
Resolution (Bits)
INL (LSB)
Temperature Range
Package Description
Package Option
AD5424YRU
8
±0.25
–40°C to +125°C
16-Lead TSSOP
RU-16
AD5424YRU-REEL
8
±0.25
–40°C to +125°C
16-Lead TSSOP
RU-16
AD5424YRU-REEL7
8
±0.25
–40°C to +125°C
16-Lead TSSOP
RU-16
AD5424YRUZ1
8
±0.25
–40°C to +125°C
16-Lead TSSOP
RU-16
AD5424YRUZ-REEL1
8
±0.25
–40°C to +125°C
16-Lead TSSOP
RU-16
AD5424YRUZ-REEL71
8
±0.25
–40°C to +125°C
16-Lead TSSOP
RU-16
AD5424YCP
8
±0.25
–40°C to +125°C
20-Lead LFCSP_VQ
CP-20-1
AD5424YCP-REEL
8
±0.25
–40°C to +125°C
20-Lead LFCSP_VQ
CP-20-1
AD5424YCP-REEL7
8
±0.25
–40°C to +125°C
20-Lead LFCSP_VQ
CP-20-1
AD5424YCPZ-REEL1
8
±0.25
–40°C to +125°C
20-Lead LFCSP_VQ
CP-20-1
AD5424YCPZ-REEL71
8
±0.25
–40°C to +125°C
20-Lead LFCSP_VQ
CP-20-1
AD5433YRU
10
±0.5
–40°C to +125°C
20-Lead TSSOP
RU-20
AD5433YRU-REEL
10
±0.5
–40°C to +125°C
20-Lead TSSOP
RU-20
AD5433YRU-REEL7
10
±0.5
–40°C to +125°C
20-Lead TSSOP
RU-20
AD5433YRUZ1
10
±0.5
–40°C to +125°C
20-Lead TSSOP
RU-20
AD5433YRUZ-REEL1
10
±0.5
–40°C to +125°C
20-Lead TSSOP
RU-20
AD5433YRUZ-REEL71
10
±0.5
–40°C to +125°C
20-Lead TSSOP
RU-20
AD5433YCP
10
±0.5
–40°C to +125°C
20-Lead LFCSP_VQ
CP-20-1
AD5433YCP-REEL
10
±0.5
–40°C to +125°C
20-Lead LFCSP_VQ
CP-20-1
AD5433YCP-REEL7
10
±0.5
–40°C to +125°C
20-Lead LFCSP_VQ
CP-20-1
AD5433YCPZ1
10
±0.5
–40°C to +125°C
20-Lead LFCSP_VQ
CP-20-1
AD5445YRU
12
±1
–40°C to +125°C
20-Lead TSSOP
RU-20
AD5445YRU-REEL
12
±1
–40°C to +125°C
20-Lead TSSOP
RU-20
AD5445YRU-REEL7
12
±1
–40°C to +125°C
20-Lead TSSOP
RU-20
AD5445YRUZ1
12
±1
–40°C to +125°C
20-Lead TSSOP
RU-20
AD5445YRUZ-REEL1
12
±1
–40°C to +125°C
20-Lead TSSOP
RU-20
AD5445YRUZ-REEL71
12
±1
–40°C to +125°C
20-Lead TSSOP
RU-20
AD5445YCP
12
±1
–40°C to +125°C
20-Lead LFCSP_VQ
CP-20-1
AD5445YCP-REEL
12
±1
–40°C to +125°C
20-Lead LFCSP_VQ
CP-20-1
AD5445YCP-REEL7
12
±1
–40°C to +125°C
20-Lead LFCSP_VQ
CP-20-1
AD5445YCPZ1
12
±1
–40°C to +125°C
20-Lead LFCSP_VQ
CP-20-1
EVAL-AD5424EBZ1
Evaluation Kit
EVAL-AD5433EBZ1
Evaluation Kit
EVAL-AD5445EBZ1
Evaluation Kit
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com