Electronic Components Datasheet Search
  English  ▼

X  

AD5433 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5433
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5433 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5433 Datasheet HTML 18Page - Analog Devices AD5433 Datasheet HTML 19Page - Analog Devices AD5433 Datasheet HTML 20Page - Analog Devices AD5433 Datasheet HTML 21Page - Analog Devices AD5433 Datasheet HTML 22Page - Analog Devices AD5433 Datasheet HTML 23Page - Analog Devices AD5433 Datasheet HTML 24Page - Analog Devices AD5433 Datasheet HTML 25Page - Analog Devices AD5433 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 22 of 32
Provided the DAC switches are driven from true wideband low
impedance sources (VIN and AGND), they settle quickly. Conse-
quently, the slew rate and settling time of a voltage switching
DAC circuit is determined largely by the output op amp. To
obtain minimum settling time in this configuration, it is impor-
tant to minimize capacitance at the VREF node (voltage output
node in this application) of the DAC. This is done by using low
inputs capacitance buffer amplifiers and careful board design.
Most single-supply circuits include ground as part of the analog
signal range, which in turns requires an amplifier that can
handle rail-to-rail signals. There is a large range of single-supply
amplifiers available from Analog Devices.
PARALLEL INTERFACE
Data is loaded to the AD5424/AD5433/AD5445 in the format
of an 8-, 10-, or 12-bit parallel word. Control lines CS and R/W
allow data to be written to or read from the DAC register. A
write event takes place when CS and R/W are brought low, data
available on the data lines fills the shift register, and the rising
edge of CS latches the data and transfers the latched data-word
to the DAC register. The DAC latches are not transparent, thus
a write sequence must consist of a falling and rising edge on CS
to ensure that data is loaded to the DAC register and its analog
equivalent is reflected on the DAC output.
A read event takes place when R/W is held high and CS is
brought low. New data is loaded from the DAC register back to
the input register and out onto the data line where it can be read
back to the controller for verification or diagnostic purposes.
MICROPROCESSOR INTERFACING
ADSP-21xx-to-AD5424/AD5433/AD5445 Interface
Figure 56 shows the AD5424/AD5433/AD5445 interfaced to
the ADSP-21xx series of DSPs as a memory-mapped device. A
single wait state may be necessary to interface the AD5424/
AD5433/AD5445 to the ADSP-21xx, depending on the clock
speed of the DSP. The wait state can be programmed via the
data memory wait state control register of the ADSP-21xx (see
the ADSP-21xx family user’s manual for details).
R/W
DB0 TO DB11
AD5424/
AD5433/
AD5445*
ADDRESS
DECODER
CS
DATA 0 TO
DATA 23
ADDRESS BUS
ADDR0 TO
ADRR13
ADSP-21xx*
DATA BUS
DMS
WR
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 56. ADSP21xx-to-AD5424/AD5433/AD5445 Interface
8xC51-to-AD5424/AD5433/AD5445 Interface
Figure 57 shows the interface between the AD5424/AD5433/
AD5445 and the 8xC51 family of DSPs. To facilitate external
data memory access, the address latch enable (ALE) mode is
enabled. The low byte of the address is latched with this output
pulse during access to external memory. AD0 to AD7 are the
multiplexed low order addresses and data bus and require
strong internal pull-ups when emitting 1s. During access to
external memory, A8 to A15 are the high order address bytes.
Since these ports are open drained, they also require strong
internal pull-ups when emitting 1s.
R/W
DB0 TO DB11
AD5424/
AD5433/
AD5445*
ADDRESS
DECODER
CS
AD0 TO AD7
ADDRESS BUS
A8 TO A15
8051*
DATA BUS
WR
*ADDITIONAL PINS OMITTED FOR CLARITY
8-BIT
LATCH
ALE
Figure 57. 8xC51-to-AD5424/AD5433/AD5445 Interface
ADSP-BF5xx-to-AD5424/AD5433/AD5445 Interface
Figure 58 shows a typical interface between the AD5424/
AD5433/AD5445 and the ADSP-BF5xx family of DSPs. The
asynchronous memory write cycle of the processor drives the
digital inputs of the DAC. The AMSx line is actually four
memory select lines. Internal ADDR lines are decoded into
AMS3-0 , these lines are then inserted as chip selects. The rest of
the interface is a standard handshaking operation.
R/W
DB0 TO DB11
AD5424/
AD5433/
AD5445*
ADDRESS
DECODER
CS
DATA 0 TO
DATA 23
ADDRESS BUS
ADDR1 TO
ADRR19
ADSP-BF5xx
DATA BUS
AMSx
AWE
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 58. ADSP-BF5xx-to-AD5424/AD5433/AD5445 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com