Electronic Components Datasheet Search
  English  ▼

X  

AD9650 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9650
Description  16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9650 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9650 Datasheet HTML 36Page - Analog Devices AD9650 Datasheet HTML 37Page - Analog Devices AD9650 Datasheet HTML 38Page - Analog Devices AD9650 Datasheet HTML 39Page - Analog Devices AD9650 Datasheet HTML 40Page - Analog Devices AD9650 Datasheet HTML 41Page - Analog Devices AD9650 Datasheet HTML 42Page - Analog Devices AD9650 Datasheet HTML 43Page - Analog Devices AD9650 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
AD9650
Rev. 0 | Page 44 of 44
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VMMD-4
0.25 MIN
TOP VIEW
8.75
BSC SQ
9.00
BSC SQ
1
64
16
17
49
48
32
33
0.50
0.40
0.30
0.50
BSC
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
7.50
REF
0.05 MAX
0.02 NOM
0.60 MAX
0.60
MAX
EXPOSED PAD
(BOTTOM VIEW)
SEATING
PLANE
PIN 1
INDICATOR
7.65
7.50 SQ
7.35
PIN 1
INDICATOR
0.30
0.23
0.18
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 94. 64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
9 mm × 9 mm Body, Very Thin Quad
(CP-64-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9650BCPZ-25
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-64-6
AD9650BCPZRL7-25
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-64-6
AD9650BCPZ-65
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-64-6
AD9650BCPZRL7-65
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-64-6
AD9650BCPZ-80
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-64-6
AD9650BCPZRL7-80
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-64-6
AD9650BCPZ-105
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-64-6
AD9650BCPZRL7-105
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-64-6
AD9650-25EBZ
Evaluation Board
AD9650-65EBZ
Evaluation Board
AD9650-80EBZ
Evaluation Board
AD9650-105EBZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08919-0-7/10(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com