Electronic Components Datasheet Search
  English  ▼

X  

AD9650 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9650
Description  16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9650 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9650 Datasheet HTML 24Page - Analog Devices AD9650 Datasheet HTML 25Page - Analog Devices AD9650 Datasheet HTML 26Page - Analog Devices AD9650 Datasheet HTML 27Page - Analog Devices AD9650 Datasheet HTML 28Page - Analog Devices AD9650 Datasheet HTML 29Page - Analog Devices AD9650 Datasheet HTML 30Page - Analog Devices AD9650 Datasheet HTML 31Page - Analog Devices AD9650 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
AD9650
Rev. 0 | Page 28 of 44
EQUIVALENT CIRCUITS
VIN±x
Figure 68. Equivalent Analog Input Circuit
AVDD
CLK+
CLK–
0.9V
10kΩ
10kΩ
Figure 69. Equivalent Clock Input Circuit
DRVDD
PAD
Figure 70. Digital Output
26kΩ
350Ω
DRVDD
SDIO/DCS
Figure 71. Equivalent SDIO/DCS Circuit
26kΩ
350Ω
DRVDD
SCLK/DFS
OR OEB
Figure 72. Equivalent SCLK/DFS or OEB Input Circuit
350Ω
AVDD
SENSE
Figure 73. Equivalent SENSE Circuit
26kΩ
350Ω
DRVDD
CSB
Figure 74. Equivalent CSB Input Circuit
6kΩ
AVDD
VREF
Figure 75. Equivalent VREF Circuit
26kΩ
350Ω
PDWN
Figure 76. Equivalent PDWN Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com