Electronic Components Datasheet Search
  English  ▼

X  

AD9650 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9650
Description  16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9650 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9650 Datasheet HTML 26Page - Analog Devices AD9650 Datasheet HTML 27Page - Analog Devices AD9650 Datasheet HTML 28Page - Analog Devices AD9650 Datasheet HTML 29Page - Analog Devices AD9650 Datasheet HTML 30Page - Analog Devices AD9650 Datasheet HTML 31Page - Analog Devices AD9650 Datasheet HTML 32Page - Analog Devices AD9650 Datasheet HTML 33Page - Analog Devices AD9650 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
AD9650
Rev. 0 | Page 30 of 44
Common-Mode Voltage Servo
In applications where there may be a voltage loss between the VCM
output of the AD9650 and the analog inputs, the common-mode
voltage servo can be enabled. When the inputs are ac-coupled and
a resistance of >100 Ω is placed between the VCM output and the
analog inputs, a significant voltage drop can occur and the
common-mode voltage servo should be enabled. Setting Bit 0 in
Register 0x0F to a logic high enables the VCM servo mode. In
this mode, the AD9650 monitors the common-mode input level
at the analog inputs and adjusts the VCM output level to keep the
common-mode input voltage at an optimal level. If both channels
are operational, Channel A is monitored. However, if Channel A
is in power-down or standby mode, the Channel B input is
monitored.
Dither
The AD9650 has an optional dither mode that can be selected
for one or both channels. Dithering is the act of injecting a known
but random amount of white noise, commonly referred to as
dither, into the input of the ADC. Dithering has the effect of
improving the local linearity at various points along the ADC
transfer function. Dithering can significantly improve the SFDR
when quantizing small-signal inputs, typically when the input
level is below −6 dBFS.
As shown in Figure 78, the dither that is added to the input of
the ADC through the dither DAC is precisely subtracted out
digitally to minimize SNR degradation. When dithering is
enabled, the dither DAC is driven by a pseudorandom number
generator (PN gen). In the AD9650, the dither DAC is precisely
calibrated to result in only a very small degradation in SNR and
SINAD.
ADC CORE
DITHER
DAC
PN GEN
DITHER ENABLE
AD9650
VIN
DOUT
Figure 78. Dither Block Diagram
Large-Signal FFT
In most cases, dithering does not improve SFDR for large-signal
inputs close to full scale, for example, with a −1 dBFS input. For
large-signal inputs, the SFDR is typically limited by front-end
sampling distortion, which dithering cannot improve. However,
even for such large-signal inputs, dithering may be useful for
certain applications because it makes the noise floor whiter.
As is common in pipeline ADCs, the AD9650 contains small
DNL errors caused by random component mismatches that
produce spurs or tones that make the noise floor somewhat
randomly colored part-to-part. Although these tones are
typically at very low levels and do not limit SFDR when the
ADC is quantizing large-signal inputs, dithering converts these
tones to noise and produces a whiter noise floor.
Small-Signal FFT
For small-signal inputs, the front-end sampling circuit typically
contributes very little distortion, and, therefore, the SFDR is likely
to be limited by tones caused by DNL errors due to random com-
ponent mismatches. Therefore, for small-signal inputs (typically,
those below −6 dBFS), dithering can significantly improve
SFDR by converting these DNL tones to white noise.
Static Linearity
Dithering also removes sharp local discontinuities in the INL
transfer function of the ADC and reduces the overall peak-to-
peak INL.
In receiver applications, utilizing dither helps to reduce DNL errors
that cause small-signal gain errors. Often this issue is overcome
by setting the input noise 5 dB to 10 dB above the converter
noise. By using dither within the converter to correct the DNL
errors, the input noise requirement can be reduced.
Differential Input Configurations
Optimum performance is achieved while driving the AD9650
in a differential input configuration. For baseband applications,
the AD8138, ADA4937-2, and ADA4938-2 differential drivers
provide excellent performance and a flexible interface to the ADC.
The output common-mode voltage of the ADA4938-2 is easily
set with the VCM pin of the AD9650 (see Figure 79), and the
driver can be configured in a Sallen-Key filter topology to
provide band limiting of the input signal.
VIN
76.8Ω
120Ω
0.1µF
200Ω
200Ω
90Ω
AVDD
33Ω
33Ω
15Ω
15Ω
5pF
15pF
15pF
AD9650
VIN–x
VIN+x
VCM
ADA4938-2
Figure 79. Differential Input Configuration Using the ADA4938-2
For baseband applications in which SNR is a key parameter,
differential transformer coupling is the recommended input
configuration. An example is shown in Figure 80. To bias the
analog input, the VCM voltage can be connected to the center
tap of the secondary winding of the transformer.
2V p-p
49.9Ω
0.1µF
R1
R1
C1
AD9650
VIN+x
VIN–x
VCM
C2
R2
R2
C2
Figure 80. Differential Transformer-Coupled Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com