Electronic Components Datasheet Search
  English  ▼

X  

AD9650 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9650
Description  16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9650 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9650 Datasheet HTML 22Page - Analog Devices AD9650 Datasheet HTML 23Page - Analog Devices AD9650 Datasheet HTML 24Page - Analog Devices AD9650 Datasheet HTML 25Page - Analog Devices AD9650 Datasheet HTML 26Page - Analog Devices AD9650 Datasheet HTML 27Page - Analog Devices AD9650 Datasheet HTML 28Page - Analog Devices AD9650 Datasheet HTML 29Page - Analog Devices AD9650 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
AD9650
Rev. 0 | Page 26 of 44
0
–140
–120
–100
–80
–60
–40
–20
05
40
30
20
10
FREQUENCY (MHz)
0
105MSPS
124.8MHz @ –7dBFS
128.3MHz @ –7dBFS
SFDR = 83.8dBc
Figure 61. AD9650-105 Two-Tone FFT with fIN1 = 124.8 MHz and fIN2 = 128.3 MHz
0
–140
–120
–100
–80
–60
–40
–20
–90
–10
–20
–30
–40
–50
–60
–70
–80
INPUT AMPLITUDE (dBFS)
IMD3 (dBc)
SFDR (dBc)
IMD3 (dBFS)
SFDR (dBFS)
Figure 62. AD9650-105 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 128.3 MHz, fIN2 = 124.8 MHz, fs = 105 MSPS
900
800
700
600
500
400
300
200
100
0
25
145
125
105
85
65
45
SAMPLE RATE (MSPS)
TOTAL POWER LVDS (mW)
LVDS IDRVDD (mA)
LVDS AND CMOS IAVDD (mA)
TOTAL POWER CMOS (mW)
CMOS IDRVDD (mA)
Figure 63. AD9650-105 Power and Current vs. Sample Rate
1200000
0
200000
400000
600000
800000
1000000
OUTPUT CODE
Figure 64. AD9650-105 Grounded Input Histogram
6
4
2
0
–2
–4
–6
OUTPUT CODE
0
10000
20000
30000
40000
50000
60000
DITHER DISABLED
DITHER ENABLED
Figure 65. AD9650-105 INL with fIN = 9.7 MHz
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
OUTPUT CODE
0
10000
20000
30000
40000
50000
60000
Figure 66. AD9650-105 DNL with fIN = 9.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com