Electronic Components Datasheet Search
  English  ▼

X  

AD9650 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9650
Description  16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9650 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9650 Datasheet HTML 29Page - Analog Devices AD9650 Datasheet HTML 30Page - Analog Devices AD9650 Datasheet HTML 31Page - Analog Devices AD9650 Datasheet HTML 32Page - Analog Devices AD9650 Datasheet HTML 33Page - Analog Devices AD9650 Datasheet HTML 34Page - Analog Devices AD9650 Datasheet HTML 35Page - Analog Devices AD9650 Datasheet HTML 36Page - Analog Devices AD9650 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
AD9650
Rev. 0 | Page 33 of 44
Clock Input Considerations
For optimum performance, the AD9650 sample clock inputs,
CLK+ and CLK−, should be clocked with a differential signal.
The signal is typically ac-coupled into the CLK+ and CLK− pins
via a transformer or capacitors. These pins are biased internally
(see Figure 86) and require no external bias. If the inputs are
floated, the CLK− pin is pulled low to prevent spurious clocking.
AVDD
CLK+
9pF
9pF
CLK–
0.9V
Figure 86. Equivalent Clock Input Circuit
Clock Input Options
The AD9650 has a very flexible clock input structure. Clock input
can be a CMOS, LVDS, LVPECL, or sine wave signal. Regardless of
the type of signal being used, clock source jitter is of the most
concern, as described in the Jitter Considerations section.
Figure 87 and Figure 88 show two preferred methods for clocking
the AD9650 (at clock rates up to 625 MHz). A low jitter clock
source is converted from a single-ended signal to a differential
signal using either an RF balun or an RF transformer.
The RF balun configuration is recommended for clock frequencies
between 125 MHz and 625 MHz, and the RF transformer is recom-
mended for clock frequencies from 10 MHz to 200 MHz. The
back-to-back Schottky diodes across the transformer/balun’s
secondary windings limit the clock excursions into the AD9650
to approximately 0.8 V p-p differential.
This limit helps prevent the large voltage swings of the clock
from feeding through to other portions of the AD9650 while
preserving the fast rise and fall times of the signal that are critical
to a low jitter performance.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
AD9650
Mini-Circuits®
ADT1-1WT, 1:1Z
XFMR
Figure 87. Transformer-Coupled Differential Clock (Up to 200 MHz)
0.1µF
0.1µF
1nF
CLOCK
INPUT
1nF
50Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
AD9650
Figure 88. Balun-Coupled Differential Clock (Up to 625 MHz)
If a low jitter clock source is not available, another option is to
ac couple a differential PECL signal to the sample clock input
pins, as shown in Figure 89. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515/AD9516/AD9517/AD9518 clock
drivers offer excellent jitter performance.
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
100Ω
PECL DRIVER
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD951x
ADC
AD9650
Figure 89. Differential PECL Sample Clock (Up to 625 MHz)
A third option is to ac couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 90. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515/AD9516/AD9517/
AD9518 clock drivers offer excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD951x
LVDS DRIVER
ADC
AD9650
Figure 90. Differential LVDS Sample Clock (Up to 625 MHz)
In some applications, it may be acceptable to drive the sample
clock inputs with a single-ended CMOS signal. In such applica-
tions, the CLK+ pin should be driven directly from a CMOS gate,
and the CLK− pin should be bypassed to ground with a 0.1 μF
capacitor (see Figure 91).
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
50Ω1
150Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
VCC
1kΩ
1kΩ
CLOCK
INPUT
AD951x
CMOS DRIVER
ADC
AD9650
Figure 91. Single-Ended 1.8 V CMOS Input Clock (Up to 200 MHz)
Input Clock Divider
The AD9650 contains an input clock divider with the ability to
divide the input clock by integer values between 1 and 8. For
divide ratios of 1, 2, 4, or 8, the duty cycle stabilizer (DCS) is
optional. For other divide ratios, divide-by-3, -5, -6, and -7, the
duty cycle stabilizer must be enabled for proper part operation.
The AD9650 clock divider can be synchronized using the external
SYNC input. Bit 0 to Bit 2 of Register 0x100 allow the clock
divider to be resynchronized on every SYNC signal or only on
the first SYNC signal after the register is written. A valid SYNC
causes the clock divider to reset to its initial state. This synchro-
nization feature allows multiple parts to have their clock dividers
aligned to guarantee simultaneous input sampling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com