Electronic Components Datasheet Search
  English  ▼

X  

AD9650 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9650
Description  16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9650 Datasheet(HTML) 1 Page - Analog Devices

  AD9650 Datasheet HTML 1Page - Analog Devices AD9650 Datasheet HTML 2Page - Analog Devices AD9650 Datasheet HTML 3Page - Analog Devices AD9650 Datasheet HTML 4Page - Analog Devices AD9650 Datasheet HTML 5Page - Analog Devices AD9650 Datasheet HTML 6Page - Analog Devices AD9650 Datasheet HTML 7Page - Analog Devices AD9650 Datasheet HTML 8Page - Analog Devices AD9650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS,
1.8 V Dual Analog-to-Digital Converter (ADC)
AD9650
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V analog supply operation
1.8 V CMOS or LVDS output supply
SNR
82 dBFS at 30 MHz input and 105 MSPS data rate
83 dBFS at 9.7 MHz input and 25 MSPS data rate
SFDR
90 dBc at 30 MHz input and 105 MSPS data rate
95 dBc at 9.7 MHz input and 25 MSPS data rate
Low power
328 mW per channel at 105 MSPS
119 mW per channel at 25 MSPS
Integer 1-to-8 input clock divider
IF sampling frequencies to 300 MHz
Analog input range of 2.7 V p-p
Optional on-chip dither
Integrated ADC sample-and-hold inputs
Differential analog inputs with 500 MHz bandwidth
ADC clock duty cycle stabilizer
APPLICATIONS
Industrial instrumentation
X-Ray, MRI, and ultrasound equipment
High speed pulse acquisition
Chemical and spectrum analysis
Direct conversion receivers
Multimode digital receivers
Smart antenna systems
General-purpose software radios
GENERAL DESCRIPTION
The AD9650 is a dual, 16-bit, 25 MSPS/65 MSPS/80 MSPS/
105 MSPS analog-to-digital converter (ADC) designed for
digitizing high frequency, wide dynamic range signals with
input frequencies of up to 300 MHz.
The dual ADC core features a multistage, differential pipelined
architecture with integrated output error correction logic. Each
ADC features wide bandwidth, differential sample-and-hold
analog input amplifiers, and shared integrated voltage reference,
which eases design considerations. A duty cycle stabilizer is
provided to compensate for variations in the ADC clock duty
cycle, allowing the converters to maintain excellent performance.
The ADC output data can be routed directly to the two external
16-bit output ports or multiplexed on a single 16-bit bus. These
outputs can be set to either 1.8 V CMOS or LVDS.
FUNCTIONAL BLOCK DIAGRAM
CMOS/LVDS
OUTPUT BUFFER
CMOS/LVDS
OUTPUT BUFFER
ADC
DRVDD
CSB
AVDD
SPI
SDIO/
DCS
SCLK/
DFS
PROGRAMMING DATA
DUTY CYCLE
STABILIZER
DIVIDE 1
TO 8
DCO
GENERATION
REF
SELECT
MULTICHIP
SYNC
SYNC
AGND
NOTES
1. PIN NAMES ARE FOR THE CMOS PIN CONFIGURATION ONLY;
SEE FIGURE 7 FOR LVDS PIN NAMES.
PDWN
OEB
DCOB
DCOA
D15A (MSB)
TO
D0A (LSB)
D15B (MSB)
TO
D0B (LSB)
ORA
CLK–
CLK+
ORB
VIN+A
VCM
RBIAS
VIN–B
VIN+B
VIN–A
VREF
SENSE
AD9650
ADC
16
16
Figure 1.
Flexible power-down options allow significant power savings,
when desired.
Programming for setup and control is accomplished using a 3-wire
SPI-compatible serial interface.
The AD9650 is available in a 64-lead LFCSP and is specified over
the industrial temperature range of −40°C to +85°C.
PRODUCT HIGHLIGHTS
1.
On-chip dither option for improved SFDR performance
with low power analog input.
2.
Proprietary differential input that maintains excellent SNR
performance for input frequencies up to 300 MHz.
3.
Operation from a single 1.8 V supply and a separate digital
output driver supply accommodating 1.8 V CMOS or
LVDS outputs.
4.
Standard serial port interface (SPI) that supports various
product features and functions, such as data formatting
(offset binary, twos complement, or gray coding), enabling
the clock DCS, power-down, and test modes.
5.
Pin compatible with the AD9268 and other dual families,
AD9269, AD9251, AD9231, and AD9204. This allows a
simple migration across resolutions and bandwidth.


Similar Part No. - AD9650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9650-EP AD-AD9650-EP Datasheet
252Kb / 12P
Dual 16-Bit, 105 MSPS, 1.8 V Analog-to-Digital Converter
Rev. 0
AD9650USVZ-105EP AD-AD9650USVZ-105EP Datasheet
252Kb / 12P
Dual 16-Bit, 105 MSPS, 1.8 V Analog-to-Digital Converter
Rev. 0
AD9650USVZR7-105EP AD-AD9650USVZR7-105EP Datasheet
252Kb / 12P
Dual 16-Bit, 105 MSPS, 1.8 V Analog-to-Digital Converter
Rev. 0
More results

Similar Description - AD9650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9251 AD-AD9251 Datasheet
1Mb / 36P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9265 AD-AD9265 Datasheet
2Mb / 44P
16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9204 AD-AD9204 Datasheet
1Mb / 36P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9268 AD-AD9268 Datasheet
2Mb / 44P
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com