Electronic Components Datasheet Search
  English  ▼

X  

AD9650 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9650
Description  16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9650 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9650 Datasheet HTML 28Page - Analog Devices AD9650 Datasheet HTML 29Page - Analog Devices AD9650 Datasheet HTML 30Page - Analog Devices AD9650 Datasheet HTML 31Page - Analog Devices AD9650 Datasheet HTML 32Page - Analog Devices AD9650 Datasheet HTML 33Page - Analog Devices AD9650 Datasheet HTML 34Page - Analog Devices AD9650 Datasheet HTML 35Page - Analog Devices AD9650 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
AD9650
Rev. 0 | Page 32 of 44
VOLTAGE REFERENCE
The AD9650 can be configured for a stable 1.35 V internal
reference or a user-applied external reference. The input range
of the ADC always equals twice the voltage at the reference pin
(VREF) for either an internal or an external reference. Table 11
shows a summary of the internal and external reference
connections.
Internal Reference Connection
A stable and accurate 1.35 V reference is built into the AD9650,
allowing a 2.7 V p-p full-scale input. To configure the AD9650
for an internal reference, the SENSE pin must be tied low. In
addition, to achieve optimal noise performance, it is recommended
that the VREF pin be decoupled by 1.0 μF and 0.1 μF capacitors
close to the pin. Figure 83 shows the configuration for the internal
reference connection.
VREF
VSELECT
AD9650
SELECT
LOGIC
0.1µF
1.0µF
VIN–A/VIN–B
VIN+A/VIN+B
ADC
CORE
SENSE
Figure 83. Internal Reference Configuration
If the internal reference of the AD9650 is used to drive multiple
converters to improve gain matching, the loading of the reference
by the other converters must be considered. Figure 84 shows
how the internal reference voltage is affected by loading.
0
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
01
1.2
1.0
0.8
0.6
0.4
0.2
LOAD CURRENT (mA)
.4
Figure 84. Reference Voltage Error vs. Load Current
External Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or improve thermal drift charac-
teristics. Figure 85 shows the typical drift characteristics of the
internal reference in 1.35 V mode.
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. An internal
reference buffer loads the external reference with an equivalent
6 kΩ load (see Figure 75). The internal buffer generates the
positive and negative full-scale references for the ADC core.
Therefore, the external reference must be limited to a maximum
of 1.35 V.
0
–6
–5
–4
–3
–2
–1
–50
90
70
50
30
10
–10
–30
TEMPERATURE (°C)
Figure 85. Typical VREF Drift
nce Configur
e (V)
ting VREF (V)
lting Differential Span (V p-p)
Table 11. Refere
ation Summary
Selected Mode
SENSE Voltag
Resul
Resu
Internal Reference
AGND to 0.2
1.35
2.7
External Reference
AVDD
N/A
2 × external reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com