Electronic Components Datasheet Search
  English  ▼

X  

AD9650 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9650
Description  16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9650 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9650 Datasheet HTML 30Page - Analog Devices AD9650 Datasheet HTML 31Page - Analog Devices AD9650 Datasheet HTML 32Page - Analog Devices AD9650 Datasheet HTML 33Page - Analog Devices AD9650 Datasheet HTML 34Page - Analog Devices AD9650 Datasheet HTML 35Page - Analog Devices AD9650 Datasheet HTML 36Page - Analog Devices AD9650 Datasheet HTML 37Page - Analog Devices AD9650 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
AD9650
Rev. 0 | Page 34 of 44
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate a variety
of internal timing signals and, as a result, may be sensitive to clock
duty cycle. The AD9650 requires a tight tolerance on the clock duty
cycle to maintain dynamic performance characteristics.
The AD9650 contains a duty cycle stabilizer (DCS) that retimes
the nonsampling (falling) edge, providing an internal clock signal
with a nominal 50% duty cycle. This allows the user to provide
a wide range of clock input duty cycles without affecting the
performance of the AD9650. Noise and distortion performance
are nearly flat for a wide range of duty cycles with the DCS
enabled.
Jitter in the rising edge of the input is still of paramount concern
and is not easily reduced by the internal stabilization circuit. The
duty cycle control loop does not function for clock rates of less
than 20 MHz, nominally. The loop has a time constant associated
with it that must be considered in applications in which the clock
rate can change dynamically. A wait time of 1.5 μs to 5 μs is
required after a dynamic clock frequency increase or decrease
before the DCS loop is relocked to the input signal. During the
time period that the loop is not locked, the DCS loop is bypassed,
and internal device timing is dependent on the duty cycle of the
input clock signal. In such applications, it may be appropriate to
disable the duty cycle stabilizer. In all other applications, enabling
the DCS circuit is recommended to maximize ac performance.
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality
of the clock input. For inputs near full scale, the degradation in
SNR from the low frequency SNR (SNRLF) at a given input
frequency (fINPUT) due to jitter (tJRMS) can be calculated by
SNRHF = −10 log[(2π × fINPUT × tJRMS)2 + 10
]
)
10
/
(
LF
SNR
−
In the equation, the rms aperture jitter represents the clock input
jitter specification.
Improvements in SNR can be achieved for IF undersampling
applications by minimizing the effects of aperture jitter. This
can be accomplished by applying a high frequency clock input
and using the integrated clock divider to achieve the desired
sample rate of the ADC core. Inherently, the jitter performance
of the AD9650 improves as the frequency of the clock increases.
This is a result of the slew rate of the clock affecting the noise
performance of the ADC, where fast transition edges result in
the best performance. Figure 92 shows the improvement in SNR
for the different clock divide ratios for the 1 V p-p and 2 V p-p
sinusoidal clock inputs. Measurements in Figure 92 were taken
for the AD9650BCPZ-105 where the input frequency was
141 MHz. The same analysis can be performed for the various
speed grades of the AD9650 family of parts.
82
80
78
76
74
72
70
14
3
2
CLK DIVIDE RATIO
1V p-p CLK AMPLITUDE
2V p-p CLK AMPLITUDE
Figure 92. SNR vs. CLK Divide Ratio for fIN = 141 MHz and a
Sample Rate of 105 MSPS
The clock input should be treated as an analog signal in cases in
which aperture jitter may affect the dynamic range of the AD9650.
Power supplies for clock drivers should be separated from the
ADC output driver supplies to avoid modulating the clock signal
with digital noise. Low jitter, crystal-controlled oscillators make
the best clock sources.
Refer to the AN-501 Application Note and the AN-756 Application
Note (visit www.analog.com) for more information about jitter
performance as it relates to ADCs.
CHANNEL/CHIP SYNCHRONIZATION
The AD9650 has a SYNC input that offers the user flexible
synchronization options for synchronizing the clock divider.
The clock divider sync feature is useful for guaranteeing synchro-
nized sample clocks across multiple ADCs. The input clock
divider can be enabled to synchronize on a single occurrence of
the SYNC signal or on every occurrence.
The SYNC input is internally synchronized to the sample clock;
however, to ensure that there is no timing uncertainty between
multiple parts, the SYNC input signal should be externally syn-
chronized to the input clock signal, meeting the setup and hold
times shown in Table 5. The SYNC input should be driven using
a single-ended CMOS-type signal.
POWER DISSIPATION AND STANDBY MODE
The power dissipated by the AD9650 varies with its sample rate.
In CMOS output mode, the digital power dissipation is determined
primarily by the strength of the digital drivers and the load on
each output bit.
The maximum DRVDD current (IDRVDD) can be calculated as
IDRVDD = VDRVDD × CLOAD × fCLK × N
where N is the number of output bits (32 plus two DCO outputs
in the case of the AD9650).
This maximum current occurs when every output bit switches on
every clock cycle, that is, a full-scale square wave at the Nyquist
frequency of fCLK/2. In practice, the DRVDD current is estab-
lished by the average number of output bits switching, which is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com