Electronic Components Datasheet Search
  English  ▼

X  

AD9650 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9650
Description  16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9650 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9650 Datasheet HTML 7Page - Analog Devices AD9650 Datasheet HTML 8Page - Analog Devices AD9650 Datasheet HTML 9Page - Analog Devices AD9650 Datasheet HTML 10Page - Analog Devices AD9650 Datasheet HTML 11Page - Analog Devices AD9650 Datasheet HTML 12Page - Analog Devices AD9650 Datasheet HTML 13Page - Analog Devices AD9650 Datasheet HTML 14Page - Analog Devices AD9650 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
AD9650
Rev. 0 | Page 11 of 44
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CLK+
CLK–
SYNC
D0B
D1B
D2B
D3B
D4B
D5B
DRVDD
D6B
D7B
D8B
D9B
D10B
D11B
PDWN
OEB
CSB
SCLK/DFS
SDIO/DCS
ORA
D15A
D14A
D13A
D12A
D11A
DRVDD
D10A
D9A
D8A
D7A
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9650
PARALLEL CMOS
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED THERMAL PAD ON THE BOTTOM OF THE PACKAGE
PROVIDES THE ANALOG GROUND FOR THE PART. THIS EXPOSED
PAD MUST BE CONNECTED TO GROUND FOR PROPER OPERATION.
Figure 6. LFCSP Parallel CMOS Pin Configuration (Top View)
Table 8. Pin Function Descriptions (Parallel CMOS Mode)
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
10, 19, 28, 37
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal).
49, 50, 53, 54, 59,
60, 63, 64
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
0
AGND,
Exposed Pad
Ground
The exposed thermal pad on the bottom of the package provides the analog
ground for the part. This exposed pad must be connected to ground for proper
operation.
ADC Analog
51
VIN+A
Input
Differential Analog Input Pin (+) for Channel A.
52
VIN−A
Input
Differential Analog Input Pin (−) for Channel A.
62
VIN+B
Input
Differential Analog Input Pin (+) for Channel B.
61
VIN−B
Input
Differential Analog Input Pin (−) for Channel B.
55
VREF
Input/output
Voltage Reference Input/Output.
56
SENSE
Input
Voltage Reference Mode Select. See Table 11 for details.
58
RBIAS
Input/output
External Reference Bias Resistor.
57
VCM
Output
Common-Mode Level Bias Output for Analog Inputs.
1
CLK+
Input
ADC Clock Input—True.
2
CLK−
Input
ADC Clock Input—Complement.
Digital Input
3
SYNC
Input
Digital Synchronization Pin. Slave mode only.
Digital Outputs
25
D0A
Output
Channel A CMOS Output Data (LSB).
26
D1A
Output
Channel A CMOS Output Data.
27
D2A
Output
Channel A CMOS Output Data.
29
D3A
Output
Channel A CMOS Output Data.
30
D4A
Output
Channel A CMOS Output Data.
31
D5A
Output
Channel A CMOS Output Data.
32
D6A
Output
Channel A CMOS Output Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com