Electronic Components Datasheet Search
  English  ▼

X  

AD9650 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9650
Description  16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9650 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9650 Datasheet HTML 18Page - Analog Devices AD9650 Datasheet HTML 19Page - Analog Devices AD9650 Datasheet HTML 20Page - Analog Devices AD9650 Datasheet HTML 21Page - Analog Devices AD9650 Datasheet HTML 22Page - Analog Devices AD9650 Datasheet HTML 23Page - Analog Devices AD9650 Datasheet HTML 24Page - Analog Devices AD9650 Datasheet HTML 25Page - Analog Devices AD9650 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
AD9650
Rev. 0 | Page 22 of 44
120
0
20
40
60
80
100
–100
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
INPUT AMPLITUDE (dBFS)
SNR (dB)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
Figure 41. AD9650-80 Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 30.3 MHz
120
0
20
40
60
80
100
–100
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
INPUT AMPLITUDE (dBFS)
SNR (dBFS) DITHER OFF
SFDR (dBFS) DITHER OFF
SNR (dBFS) DITHER ON
SFDR (dBFS) DITHER ON
Figure 42. AD9650-80 Single-Tone SNR/SFDR vs. Input Amplitude (AIN) with
fIN = 30.3 MHz with and Without Dither Enabled
100
65
70
75
80
85
90
95
120
100
80
60
40
20
0
0
50
100
150
200
250
SFDR
300
INPUT FREQUENCY (MHz)
SNR (–40°C)
SFDR (–40°C)
SNR (+25°C)
SFDR (+25°C)
SNR (+85°C)
SFDR (+85°C)
SNR
Figure 43. AD9650-80 Single-Tone SNR/SFDR vs. Input Frequency (fIN)
105
75
80
85
90
95
100
65
70
80
90
100
60
85
75
95
SAMPLE RATE (MSPS)
SFDR
SNR
Figure 44. AD9650-80 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 30 MHz
1400000
0
200000
600000
900000
800000
1000000
1200000
OUTPUT CODE
Figure 45. AD9650-80 Grounded Input Histogram
6
4
2
0
–2
–4
–6
OUTPUT CODE
0
10000
20000
30000
40000
50000
60000
DITHER DISABLED
DITHER ENABLED
Figure 46. AD9650-80 INL with fIN = 9.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com