Electronic Components Datasheet Search
  English  ▼

X  

TDA18211HD Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA18211HD
Description  DVB-T Silicon Tuner IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HD Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA18211HD Datasheet HTML 12Page - NXP Semiconductors TDA18211HD Datasheet HTML 13Page - NXP Semiconductors TDA18211HD Datasheet HTML 14Page - NXP Semiconductors TDA18211HD Datasheet HTML 15Page - NXP Semiconductors TDA18211HD Datasheet HTML 16Page - NXP Semiconductors TDA18211HD Datasheet HTML 17Page - NXP Semiconductors TDA18211HD Datasheet HTML 18Page - NXP Semiconductors TDA18211HD Datasheet HTML 19Page - NXP Semiconductors TDA18211HD Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
16 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
[1]
In all modes, the I2C-bus interface remains active. All other codes are not valid.
9.3.8 Description of Easy Prog byte 4
It is recommended to follow the flowcharts described in Section 9.4 in order to perform
any calibration, as they require a precise set of sequential operations. The further
comments can only give an overview of what is typically done during the flowchart.
The TDA18211HD has two calibration modes: one for the image rejection calibration, and
one for the RF tracking filters calibration.
Table 16.
Standby modes[1]
Bit
Circuit
Mode
SM
SM_LT
SM_XT
Loop-
through
Slave-
tuner
output
Crystal
oscillator
0
0
0
on
on
on
Normal mode
1
0
0
on
on
on
Standby mode with crystal
oscillator, slave-tuner output and
loop-through output on
1
1
0
off
off
on
Standby mode with only crystal
oscillator and its output buffer on
1
1
1
off
off
off
Device-off mode
Table 17.
EP4 - Easy Prog byte 4 (subaddress 06h) bit description
Legend: * power-on reset value
Bit
Symbol
Access Value Description
7
FM_RFN
R/W
selection which input is fed to RF filter
1
FM input (RF LNA on; FM LNA on)
0*
RF input (RF LNA on; FM LNA off)
6
XTOUT_ON
R/W
1*
16 MHz on pins XTOUTP and XTOUTN
0
not 16 MHz on pins XTOUTP and XTOUTN
3
-
R/W
1*
must be set to logic 1
4 to 2 IF_LEVEL[2:0]
R/W
IF output level selection and attenuation with regard to
2 V (p-p)
000*
2 V (p-p); 0 dB
001
1.25 V (p-p); 4 dB
010
1 V (p-p); 6 dB
011
0.8 V (p-p); 8 dB
100
not used
101
not used
110
not used
111
0.5 V (p-p); 12 dB
1 to 0 CAL_MODE[1:0] R/W
calibration mode selection
00*
no calibration (Normal mode)
01
Power detection mode
10
image rejection calibration (IRCAL) mode
11
RF tracking filters calibration (RFCAL) mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com