Electronic Components Datasheet Search
  English  ▼

X  

TDA18211HD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA18211HD
Description  DVB-T Silicon Tuner IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HD Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA18211HD Datasheet HTML 1Page - NXP Semiconductors TDA18211HD Datasheet HTML 2Page - NXP Semiconductors TDA18211HD Datasheet HTML 3Page - NXP Semiconductors TDA18211HD Datasheet HTML 4Page - NXP Semiconductors TDA18211HD Datasheet HTML 5Page - NXP Semiconductors TDA18211HD Datasheet HTML 6Page - NXP Semiconductors TDA18211HD Datasheet HTML 7Page - NXP Semiconductors TDA18211HD Datasheet HTML 8Page - NXP Semiconductors TDA18211HD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
1.
General description
The TDA18211HD is a Silicon Tuner IC designed for digital terrestrial (DVB-T) TV
reception. The TDA18211HD integrates the overall tuning function, including selectivity,
and provides a low-IF output signal.
The TDA18211HD uses integrated IF filters to support 6/7/8 MHz channel bandwidths.
The TDA18211HD requires only one single 16 MHz crystal for clock generation. A clock
signal is available on crystal oscillator output pins (XTOUTP/XTOUTN) to synchronize the
channel decoder and slave front end in case of DVR configuration.
This specification is based on software version 3.4
2.
Features
I Fully integrated RF tracking filters for unwanted signal suppression
I Fully integrated IF selectivity (no need for external SAW filters)
I Fully integrated oscillators with no external components
I Integrated wideband gain control
I Alignment free
I RF loop-through for easy implementation in the STB
I Input power level indicator
I Integrated die thermal sensor
I Single 3.3 V power supply
I Low power consumption (780 mW)
I Crystal oscillator output buffer (16 MHz) to allow single crystal applications
I I2C-bus interface compatible with 3.3 V and 5 V microcontrollers
I Three Standby modes
I RoHS packaging
3.
Applications
3.1 Target applications
I DVB-T Set-Top-Box (STB) and TV receiver
I Application optimization is described in the application notes
TDA18211HD
DVB-T Silicon Tuner IC
Rev. 05 — 2 June 2009
Product data sheet


Similar Part No. - TDA18211HD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNC1 NXP-TDA18212HNC1 Datasheet
220Kb / 10P
Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNM NXP-TDA18212HNM Datasheet
220Kb / 10P
Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNS NXP-TDA18212HNS Datasheet
220Kb / 10P
Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
More results

Similar Description - TDA18211HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
QPSK DVB/DIRECTVTM direct conversion tuner IC
Mar-2004
logo
Intel Corporation
HGCE5038882068 INTEL-HGCE5038882068 Datasheet
736Kb / 41P
DVB-S2 Advanced Modulation Satellite Tuner
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
DVB-T Demodulator
logo
Analog Devices
ADMTV102 AD-ADMTV102 Datasheet
63Kb / 2P
RF Tuner IC for DVB-H, DVB-T, DTMB, and CMMB
Rev. Sp0
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD Datasheet
321Kb / 69P
Silicon Tuner IC
Rev. 03-11 September 2008
TDA18218HN NXP-TDA18218HN Datasheet
138Kb / 25P
DVB-T Silicon Tuner IC
Rev. 01-8 July 2009
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
Silicon Tuner IC
Rev. 04-19 May 2009
TDA18291HN NXP-TDA18291HN Datasheet
129Kb / 6P
Low power DVB / T tuner
Rev. 01-28 August 2007
logo
Infineon Technologies A...
TUA9001 INFINEON-TUA9001 Datasheet
186Kb / 2P
RF Silicon Tuner for for DVB-H/T and CMMB (Direct Conversion Receiver)
logo
Maxim Integrated Produc...
MAX2165 MAXIM-MAX2165 Datasheet
241Kb / 24P
Single-Conversion DVB-H Tuner
Rev 1; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com