Electronic Components Datasheet Search
  English  ▼

X  

TDA18211HD Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA18211HD
Description  DVB-T Silicon Tuner IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HD Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA18211HD Datasheet HTML 11Page - NXP Semiconductors TDA18211HD Datasheet HTML 12Page - NXP Semiconductors TDA18211HD Datasheet HTML 13Page - NXP Semiconductors TDA18211HD Datasheet HTML 14Page - NXP Semiconductors TDA18211HD Datasheet HTML 15Page - NXP Semiconductors TDA18211HD Datasheet HTML 16Page - NXP Semiconductors TDA18211HD Datasheet HTML 17Page - NXP Semiconductors TDA18211HD Datasheet HTML 18Page - NXP Semiconductors TDA18211HD Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
15 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
9.3.5 Description of Easy Prog byte 1
9.3.6 Description of Easy Prog byte 2
9.3.7 Description of Easy Prog byte 3
The TDA18211HD has three different Standby modes. Two Standby modes are dedicated
to special application demands; the real Standby mode is called ‘device-off’. It represents
the smallest achievable power consumption.
Table 13.
EP1 - Easy Prog byte 1 (subaddress 03h) bit description
Legend: * power-on reset value
Bit
Symbol
Access Value Description
7
POWER_LEVEL[8]
R
see Table 12
6
DIS_POWER_LEVEL
R/W
1*
power level disabled
0
power level enabled
5
-
R/W
0*
must be set to logic 0
4
RF_CAL_OK
R/W
RF tracking filter calibration procedure (see
Section 9.4.9); updated each time the procedure
is started
1
successful
0*
not successful
3
IR_CAL_OK
R/W
complete image rejection calibration procedure
(see Section 9.4.4); can only be reset with POR
1
successful
0*
not successful
2 to 0 BP_FILTER[2:0]
R/W
110*
RF band-pass filter selection (see Table 42)
Table 14.
EP2 - Easy Prog byte 2 (subaddress 04h) bit description
Legend: * power-on reset value
Bit
Symbol
Access
Value
Description
7 to 5 RF_BAND[2:0]
R/W
110*
RF tracking filter band selection (see Table 43)
4 to 0 GAIN_TAPER[4:0]
R/W
gain taper value (see Table 47)
1 1111*
minimum attenuation
0 0000
maximum attenuation
Table 15.
EP3 - Easy Prog byte 3 (subaddress 05h) bit description
Legend: * power-on reset value
Bit
Symbol
Access
Value
Description
7
SM
R/W
1*
Sleep mode (see Table 16)
0
Normal mode (see Table 16)
6
SM_LT
R/W
0*
see Table 16
5
SM_XT
R/W
0*
see Table 16
4 to 0
STD[4:0]
R/W
1 0010*
description of standards (see Table 41)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com