Electronic Components Datasheet Search
  English  ▼

X  

TDA18211HD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA18211HD
Description  DVB-T Silicon Tuner IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA18211HD Datasheet HTML 2Page - NXP Semiconductors TDA18211HD Datasheet HTML 3Page - NXP Semiconductors TDA18211HD Datasheet HTML 4Page - NXP Semiconductors TDA18211HD Datasheet HTML 5Page - NXP Semiconductors TDA18211HD Datasheet HTML 6Page - NXP Semiconductors TDA18211HD Datasheet HTML 7Page - NXP Semiconductors TDA18211HD Datasheet HTML 8Page - NXP Semiconductors TDA18211HD Datasheet HTML 9Page - NXP Semiconductors TDA18211HD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
6 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
8.
Functional description
The RF input signal is driven to a low-noise amplifier. It is then band-pass filtered,
amplified and fed to the image rejection mixer. The mixer downconverts the RF signal to a
low IF, which depends on channel bandwidth (standard IF filters are implemented for
6/7/8 MHz channel bandwidths; see Table 41).
The gain between the antenna pin (pin RF_IN) and the loop-through pin (pin LT) is 0 dB.
The TDA18211HD requires a single 16 MHz crystal for clock generation.
When bit XTOUT_ON = 1, a differential sine wave clock reference is available on pins
XTOUTP and XTOUTN to drive a channel decoder.
8.1 Master and slave operation
The TDA18211HD allows easy dual-tuner configuration.
Each individual tuner has to be set either in Master mode or Slave mode by applying a DC
voltage on the XTOUT_MS pin; see Table 4. This will decide whether the crystal oscillator
part is used as negative impedance connected to the crystal part or as a current buffer.
In dual-tuner application:
• The first tuner is set in Master mode
• The second tuner has to be set in Slave mode
In single-tuner application:
• The tuner must be set in Master mode.
8.2 Tuner outputs
The tuner provides a slave tuner output (pin STO) and a loop-through output (pin LT).
Those outputs are used to transmit the antenna signal to other tuners. Each output has its
own characteristics (see Table 56 and Table 57)
8.2.1 Loop-through output
The gain between the antenna connector and the loop-through pin (pin LT) equals 0 dB.
This pin can be connected to any consumer electronic equipment.
8.2.2 Slave tuner output
The slave tuner output (pin STO) must be connected to the RF input of the slave tuner
TDA18211HD in case of dual-tuner applications.
The gain between the antenna connector and the slave tuner output can change
according to the input level. The slave tuner will automatically compensate the gain
change, using the MASTERSYNC and FREEZE signals.
Table 4.
Master and slave selection
Voltage on pin XTOUT_MS
Tuner type
Crystal oscillator
0 V to 0.1VCC
master
negative impedance presented to the crystal
0.4VCC to 0.6VCC
slave
current input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com