Electronic Components Datasheet Search
  English  ▼

X  

TDA18211HD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA18211HD
Description  DVB-T Silicon Tuner IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HD Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA18211HD Datasheet HTML 1Page - NXP Semiconductors TDA18211HD Datasheet HTML 2Page - NXP Semiconductors TDA18211HD Datasheet HTML 3Page - NXP Semiconductors TDA18211HD Datasheet HTML 4Page - NXP Semiconductors TDA18211HD Datasheet HTML 5Page - NXP Semiconductors TDA18211HD Datasheet HTML 6Page - NXP Semiconductors TDA18211HD Datasheet HTML 7Page - NXP Semiconductors TDA18211HD Datasheet HTML 8Page - NXP Semiconductors TDA18211HD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
2 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
3.2 Key benefits
I The TDA18211HD is a low cost Silicon Tuner targeting digital terrestrial applications.
The TDA18211HD matches the performance of the conventional can tuners while
reducing the size of the tuner function drastically. Additionally, the following benefits
can be stated:
N Allows easy on-board integration
N Allows easy dual-tuner configuration
N Drastically reducing the size of the tuner function and power consumption
4.
Quick reference data
[1]
Measured with TDA10048HN channel decoder.
5.
Ordering information
Table 1.
Quick reference data
Tamb =25 °C; VCC = 3.3 V; IF output level option = 2 V (p-p); IF output load = 1 kΩ on each terminal.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
fRF
RF frequency
center of channel
174
-
864
MHz
NFtun
tuner noise figure
maximum gain
-
5.5
6
dB
ϕn
phase noise
-
−89
-
dBc/Hz
P
power dissipation
-
780
-
mW
Vi(max)
maximum input
voltage
1 dB gain compression, one
analog TV signal at RF input
(
−5 dBm)
-
103
-
dB
µV
α
image
image rejection
53
65
-
dB
Sdig
digital sensitivity
DVB-T (64 QAM 2
⁄3);
BER = 2.10−4
[1] -
−82
-
dBm
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA18211HD/C2
HLQFN64R plastic thermal enhanced low profile quad flat
package; no leads; 64 terminals; resin based;
body 9
× 9 × 1.6 mm
SOT903-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com