Electronic Components Datasheet Search
  English  ▼

X  

TDA18211HD Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDA18211HD
Description  DVB-T Silicon Tuner IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HD Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDA18211HD Datasheet HTML 28Page - NXP Semiconductors TDA18211HD Datasheet HTML 29Page - NXP Semiconductors TDA18211HD Datasheet HTML 30Page - NXP Semiconductors TDA18211HD Datasheet HTML 31Page - NXP Semiconductors TDA18211HD Datasheet HTML 32Page - NXP Semiconductors TDA18211HD Datasheet HTML 33Page - NXP Semiconductors TDA18211HD Datasheet HTML 34Page - NXP Semiconductors TDA18211HD Datasheet HTML 35Page - NXP Semiconductors TDA18211HD Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
32 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
Fig 13. Flowchart TDA18211PowerScan
001aag943
CID_GAIN < CID_Target
CID_Target
count_limit
freq_MAINPLL
MS
freq_input
freq_input
freq_input
MS
bcal
freq_output
Start
TDA18211PowerScan
End
TDA18211PowerScan
RF_BAND_map
RF_CAL_map
CID_TARGET_map
freq_MAINPLL
count
freq_MAINPLL
sgn count
freq_MAINPLL
RF_BAND = RF_BAND
RFC_CPROG = CPROG_table
GAIN_TAPER = GAIN_TAPER
CID_Target = CID_Target
count_limit = count_limit
-
Actions
freq_MAINPLL
freq_MAINPLL = freq_input + 1 MHz
count
CID_GAIN
wait
count = count + 200d
CID_GAIN
Read power detection informations
Call TDA18211ReadExtended
sgn
count
wait
sgn =
− sgn
count = 200d
wait = true
bcal = 1
freq_output = freq_MAINPLL
− 1 MHz
End
TDA18211PowerScan
bcal
freq_output
freq_input
bcal = 0
freq_output = freq_input
sgn
freq_output
bcal
count
wait
Algorrithm Initialization
sgn =1
freq_output = freq_input
bcal = 0
count = 0
wait = false
freq_MAINPLL = freq_input + sgn
× count + 1 MHz
Wait 100
µs - PLL locking
Wait 5 ms - PLL locking
wait = false
Downconvert updated freq_input to 1 MHz
Call TDA18211CalcMAINPLL
Read power detection informations
Call TDA18211ReadExtended
No
No
Yes
Yes
Wait 5 ms - PLL locking
Downconvert freq_input to 1 MHz
Call TDA18211CalcMAINPLL
Find RF_BAND = fRF(max) in RF_BAND_map(MS)
Find Cprog_table = fRF(max) in RF_CAL_map
Find GAIN_TAPER = fRF(max) in GAIN_TAPER_map
Find CID_TARGET count_limit = fRF(max) in
CID_TARGET_map
-
EP2, EB14
Tuner register update
Internal table
PC
Detection mode
Launch power detection measurement
CAL_MODE = 1
-
EP4
EP2
Launch power detection measurement
-
EP2
count > count_limit
No
No
Yes
Yes
Yes
CID_GAIN
≥ CID_Target
wait = true
No
sgn > 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com