Electronic Components Datasheet Search
  English  ▼

X  

TDA18211HD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA18211HD
Description  DVB-T Silicon Tuner IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HD Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA18211HD Datasheet HTML 1Page - NXP Semiconductors TDA18211HD Datasheet HTML 2Page - NXP Semiconductors TDA18211HD Datasheet HTML 3Page - NXP Semiconductors TDA18211HD Datasheet HTML 4Page - NXP Semiconductors TDA18211HD Datasheet HTML 5Page - NXP Semiconductors TDA18211HD Datasheet HTML 6Page - NXP Semiconductors TDA18211HD Datasheet HTML 7Page - NXP Semiconductors TDA18211HD Datasheet HTML 8Page - NXP Semiconductors TDA18211HD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
4 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration
TDA18211HD
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
GND
V_IFAGC
IFOUTP
IFOUTN
VCC
GND
CAPREG28
GND
CAPREG18
SDA
SCL
GND
GND
VT_CAL
CP_CAL
VCC
GND
GND
GND
GND
GND
GND
GND
n.c.
VCC
RF_IN
GND
CAPRFAGC
LT
GND
STO
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Transparent top view
terminal 1
index area
001aaf832
Table 3.
Pin description
Symbol
Pin
Description
GND
1 to 7
ground
n.c.
8
not connected
VCC
9
3.3 V supply voltage
RF_IN
10
unbalanced RF (TV) input
GND
11
ground
CAPRFAGC
12
RF AGC filtering
LT
13
loop-through output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com