Electronic Components Datasheet Search
  English  ▼

X  

TDA18211HD Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA18211HD
Description  DVB-T Silicon Tuner IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HD Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA18211HD Datasheet HTML 13Page - NXP Semiconductors TDA18211HD Datasheet HTML 14Page - NXP Semiconductors TDA18211HD Datasheet HTML 15Page - NXP Semiconductors TDA18211HD Datasheet HTML 16Page - NXP Semiconductors TDA18211HD Datasheet HTML 17Page - NXP Semiconductors TDA18211HD Datasheet HTML 18Page - NXP Semiconductors TDA18211HD Datasheet HTML 19Page - NXP Semiconductors TDA18211HD Datasheet HTML 20Page - NXP Semiconductors TDA18211HD Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
17 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
The image rejection calibration consists in optimizing some tunable parameters inside the
mixer throughout a set of internal measurements, leading to ensure a 65 dB typical value
of image rejection. The internal signal used during this phase is generated by the PLL
calibration (CAL PLL).
The RF tracking filters central frequency can be adjusted with the tuning word
RFC_CPROG. The RF tracking filters calibration (RFCAL) consists of an internal tone at
the input of the tracking filters (with the CAL PLL), and finding the RFC_CPROG
corresponding to the maximum transmitted power. The RFCAL is just a little part of a
more complex algorithm fully described in the flowcharts in Section 9.4.
The Power detection mode is a Normal mode where the detector used for the calibrations
is switched ON. This special mode enables to sense the power at the input of the
TDA18211HD and makes the power scan algorithm possible (see Section 9.4.8
“Flowchart TDA18211PowerScan”).
9.3.9 Description of Easy Prog byte 5
9.3.10 Description of Cal Post-Divider byte
9.3.11 Description of Cal divider bytes 1, 2 and 3
Table 18.
EP5 - Easy Prog byte 5 (subaddress 07h) bit description
Legend: * power-on reset value
Bit
Symbol
Access
Value
Description
7
EXTENDED_REG
R/W
enables the extended register addressing
1
extended register (00h to 26h)
0*
limited register (00h to 0Fh); only 1 byte can
be programmed after address 0Fh within 1
transmission
6 to 4 IR_GSTEP[2:0]
R/W
011*
gain step for image rejection calibration
3
-
R/W
0*
must be set to logic 0
2 to 0 IR_MEAS[2:0]
R/W
000*
image rejection measurement frequency range
(see Table 51)
Table 19.
CPD - Cal Post-Divider byte (subaddress 08h) bit description
Legend: * power-on reset value
Bit
Symbol
Access
Value
Description
7 to 0
CAL_POST_DIV[7:0]
R/W
00h*
calibration synthesizer post-divider (see
Table 46)
Table 20.
CD1, CD2 and CD3 - Cal divider bytes 1, 2 and 3 (address 09h, 0Ah and 0Bh) bit
description
Legend: * power-on reset value
Address
Register
Bit
Symbol
Access
Value Description
09h
CD1
7
-
R/W
0*
must be set to logic 0
6 to 0 CAL_DIV[22:16]
R/W
00h*
calibration synthesizer main
divider bits
0Ah
CD2
7 to 0 CAL_DIV[15:8]
R/W
00h*
0Bh
CD3
7 to 0 CAL_DIV[7:0]
R/W
00h*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com