Electronic Components Datasheet Search
  English  ▼

X  

TDA18211HD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA18211HD
Description  DVB-T Silicon Tuner IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA18211HD Datasheet HTML 5Page - NXP Semiconductors TDA18211HD Datasheet HTML 6Page - NXP Semiconductors TDA18211HD Datasheet HTML 7Page - NXP Semiconductors TDA18211HD Datasheet HTML 8Page - NXP Semiconductors TDA18211HD Datasheet HTML 9Page - NXP Semiconductors TDA18211HD Datasheet HTML 10Page - NXP Semiconductors TDA18211HD Datasheet HTML 11Page - NXP Semiconductors TDA18211HD Datasheet HTML 12Page - NXP Semiconductors TDA18211HD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Extended byte 7
EB7
16h
EB7[7:6]
CAL_
FORCE_
SRCE
EB7[4:0]
Extended byte 8
EB8
17h
CID_ALARM
EB8[6:4]
EB8[3]
EB8[2:0]
Extended byte 9
EB9
18h
EB9[7:0]
Extended byte 10
EB10
19h
EB10[7:6]
CID_GAIN[5:0]
Extended byte 11
EB11
1Ah
EB11[7:0]
Extended byte 12
EB12
1Bh
EB12[7:6]
PD_AGC1_
DET
PD_AGC2_
DET
EB12[3:0]
Extended byte 13
EB13
1Ch
EB13[7]
RFC_K[2:0]
RFC_M[1:0]
EB13[1:0]
Extended byte 14
EB14
1Dh
RFC_CPROG[7:0]
Extended byte 15
EB15
1Eh
EB15[7:4]
EB15[3:0]
Extended byte 16
EB16
1Fh
EB16[7:0]
Extended byte 17
EB17
20h
EB17[7:0]
Extended byte 18
EB18
21h
AGC1_
LOOP_OFF
EB18[6:2]
AGC1_GAIN[1:0]
Extended byte 19
EB19
22h
EB19[7:0]
Extended byte 20
EB20
23h
EB20[7:6]
FORCE_
LOCK
EB20[4:0]
Extended byte 21
EB21
24h
AGC2_
LOOP_OFF
EB21[6:2]
AGC2_GAIN[1:0]
Extended byte 22
EB22
25h
EB22[7]
RF_TOP[2:0]
IF_TOP[3:0]
Extended byte 23
EB23
26h
EB23[7:3]
FORCELP_
FC2_EN
LP_FC[2]
EB23[0]
Table 5.
I2C-bus format …continued
Name
Byte
name
Sub
address
Bit
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com