Electronic Components Datasheet Search
  English  ▼

X  

TDA18211HD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA18211HD
Description  DVB-T Silicon Tuner IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA18211HD Datasheet HTML 3Page - NXP Semiconductors TDA18211HD Datasheet HTML 4Page - NXP Semiconductors TDA18211HD Datasheet HTML 5Page - NXP Semiconductors TDA18211HD Datasheet HTML 6Page - NXP Semiconductors TDA18211HD Datasheet HTML 7Page - NXP Semiconductors TDA18211HD Datasheet HTML 8Page - NXP Semiconductors TDA18211HD Datasheet HTML 9Page - NXP Semiconductors TDA18211HD Datasheet HTML 10Page - NXP Semiconductors TDA18211HD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
7 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
8.3 Crystal input mode
The TDA18211HD requires a 16 MHz crystal reference. The chosen crystal must
withstand at least 100
µW drive level. An additional shunt capacitor as shown in Figure 1
is also needed. Its typical value is 5.6 pF. The quartz references for which performance is
guaranteed are:
• NDK NX5032
• Siward SX-5032
• TXC 9C series
• Chungho Elcom HC49/S profile
Clock reference:
• In Master mode, the clock reference must be provided by a 16 MHz crystal connected
between pins XTALP and XTALN of the master tuner
• In Slave mode, the clock reference must be provided by pins XTOUTP and XTOUTN
of the tuner in Master mode to pins XTALP and XTALN of the tuner in Slave mode
8.4 Crystal output mode
Pins XTOUTP and XTOUTN deliver a symmetrical sine waveform to drive the channel
decoder and/or IF demodulator. The load on both outputs should be made similar to
ensure optimum performances. Hence, if only one crystal output is used, the unused
output should be loaded by an equivalent capacitance.
9.
Control interface
9.1 I2C-bus format, write/read mode
Remark: In I2C-bus read mode, the TDA18211HD must read the entire I2C map with the
required subaddress 00h. The number of bytes to be read is 16, or 39 in extended register
mode; see Table 7. Reading write-only bits can return values that are different from the
programmed values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com