Electronic Components Datasheet Search
  English  ▼

X  

TDA18211HD Datasheet(PDF) 35 Page - NXP Semiconductors

Part # TDA18211HD
Description  DVB-T Silicon Tuner IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HD Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button TDA18211HD Datasheet HTML 31Page - NXP Semiconductors TDA18211HD Datasheet HTML 32Page - NXP Semiconductors TDA18211HD Datasheet HTML 33Page - NXP Semiconductors TDA18211HD Datasheet HTML 34Page - NXP Semiconductors TDA18211HD Datasheet HTML 35Page - NXP Semiconductors TDA18211HD Datasheet HTML 36Page - NXP Semiconductors TDA18211HD Datasheet HTML 37Page - NXP Semiconductors TDA18211HD Datasheet HTML 38Page - NXP Semiconductors TDA18211HD Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
35 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
9.4.10 Flowchart TDA18211MSPOR
9.4.11 Flowchart TDA18211RFtrackingFiltersCorrection
Table 33.
TDA18211MSPOR
Function
Description
Reference
Description
master or slave tuner goes to Power-On Reset
(POR) mode
Input
MS
Table
-
Output
-
Fig 15. Flowchart TDA18211MSPOR
001aag945
Start
TDA18211MSPOR
End
TDA18211MSPOR
MS
PD_AGC1_DET = 0
AGC1_LOOP_OFF = 0
AGC1_GAIN = 0
AGC2_GAIN = 3h
EB12
-
EB18
-
Actions
Power up Detector 1
Turn AGC1 loop ON
Set AGC1_GAIN to 6 dB
Set AGC2_GAIN to
−6 dB
SM = 1, SM_LT = 0,
SM_XT = 0
EP3
POR mode
Internal table
I2C-bus
FORCELP_FC2_EN = 0,
LP_FC[2] = 0
EB21 ... EB23
1.5 MHz low-pass filter disabled
Table 34.
TDA18211RFtrackingFiltersCorrection
Function
Description
Reference
Description
find the Cprog corresponding to the
programmed central frequency
freq_input
Input
freq_input, TMVALUE_RFCAL, MS
Table
RF_BAND_map,
RF_CAL_OVER_DT_map,
RF_CAL_map
Table 43 “RF_BAND_map”
Table 48 “RF_CAL_DC_OVER_DT_map”
Table 49 “RF_CAL_map”
Output
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com