Electronic Components Datasheet Search
  English  ▼

X  

TDA18211HD Datasheet(PDF) 53 Page - NXP Semiconductors

Part # TDA18211HD
Description  DVB-T Silicon Tuner IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HD Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button TDA18211HD Datasheet HTML 49Page - NXP Semiconductors TDA18211HD Datasheet HTML 50Page - NXP Semiconductors TDA18211HD Datasheet HTML 51Page - NXP Semiconductors TDA18211HD Datasheet HTML 52Page - NXP Semiconductors TDA18211HD Datasheet HTML 53Page - NXP Semiconductors TDA18211HD Datasheet HTML 54Page - NXP Semiconductors TDA18211HD Datasheet HTML 55Page - NXP Semiconductors TDA18211HD Datasheet HTML 56Page - NXP Semiconductors TDA18211HD Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
53 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
[1]
ESD protection components are not shown.
11. Limiting values
[1]
The TDA18211HD withstands the latch-up specifications of JEDEC (JESD78A), with the specific
recommendation using coupling capacitors on pins RF_IN, LT, STO, XTOUTP and XTOUTN.
IFOUTN
45
1.35 V
IFOUTP
46
1.35 V
V_IFAGC
47
high-Z
VSYNC
51
high-Z
CAPREGFILTRF
52
2.8 V (Normal mode)
0 V (Sleep mode)
Table 53.
Internal circuits …continued
Symbol
Pin
Description[1]
Average DC voltage
001aaf860
45
001aaf861
46
001aaf862
47
001aaf863
51
001aaf864
52
Table 54.
Limiting values[1]
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.3
+3.6
V
VI
input voltage
pins SDA and SCL
−0.3
+5.5
V
all other pins
VCC < 3.3 V
−0.3
VCC + 0.3 V
VCC > 3.3 V
−0.3
+3.6
V
Tstg
storage temperature
−40
+150
°C
Tj
junction temperature
-
110
°C
Vesd
electrostatic
discharge voltage
EIA/JESD22-A114 (human
body model)
±2000
-
V
EIA/JESD22-A115 (machine
model)
±200
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com