Electronic Components Datasheet Search
  English  ▼

X  

TDA18211HD Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA18211HD
Description  DVB-T Silicon Tuner IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HD Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA18211HD Datasheet HTML 10Page - NXP Semiconductors TDA18211HD Datasheet HTML 11Page - NXP Semiconductors TDA18211HD Datasheet HTML 12Page - NXP Semiconductors TDA18211HD Datasheet HTML 13Page - NXP Semiconductors TDA18211HD Datasheet HTML 14Page - NXP Semiconductors TDA18211HD Datasheet HTML 15Page - NXP Semiconductors TDA18211HD Datasheet HTML 16Page - NXP Semiconductors TDA18211HD Datasheet HTML 17Page - NXP Semiconductors TDA18211HD Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
14 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
9.3.4 Description of power level byte (read mode)
There are 9 power level bits, dispatched in byte 2 and 3. They indicate the composite
voltage gain of the LNA, the loaded attenuator voltage gain, and the level at the input of
the RF AGC.
5
TM_RANGE R/W
temperature range selection for the internal die sensor (see
Table 50)
192
°C to 122 °C
0*
60
°C to 90 °C
4
TM_ON
R/W
1
enables die temperature measurement (see Table 50)
0*
disables die temperature measurement (see Table 50)
3 to 0 TM_D[3:0]
R
XXXX data from die temperature measurement (see Table 50)
Table 11.
TM - Thermo byte (subaddress 01h) bit description …continued
Legend: * power-on reset value
Bit
Symbol
Access Value Description
Table 12.
PL - Power level (address 02h and 03h) bit description
Legend: * power-on reset value
Address Register Bit
Symbol
Access Value
Description
03h
EP1
7
POWER_LEVEL[8]
R
AGC2 gain, attenuator voltage gain included load, the
attenuator load is 50
Ω (explaining the maximum gain
of
−6 dB)
02h
PL
7
POWER_LEVEL[7]
R
00
−15 dB
01
−12 dB
10
−9 dB
11
−6 dB
6 to 5 POWER_LEVEL[6:5] R
AGC1 gain, LNA voltage gain, the LNA voltage gain
assumes a 75
Ω source impedance and a low output
impedance
00
6 dB
01
9 dB
10
12 dB
11
15 dB
4 to 0 POWER_LEVEL[4:0] R
sensed level at the input of the RF AGC, detector
slope is
−1 dB/step
0 0000
103 dB
µV (RMS value)
0 0001
102 dB
µV (RMS value)
...
...
1 1110
73 dB
µV (RMS value)
1 1111
72 dB
µV (RMS value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com