Electronic Components Datasheet Search
  English  ▼

X  

TDA18211HD Datasheet(PDF) 49 Page - NXP Semiconductors

Part # TDA18211HD
Description  DVB-T Silicon Tuner IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HD Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button TDA18211HD Datasheet HTML 45Page - NXP Semiconductors TDA18211HD Datasheet HTML 46Page - NXP Semiconductors TDA18211HD Datasheet HTML 47Page - NXP Semiconductors TDA18211HD Datasheet HTML 48Page - NXP Semiconductors TDA18211HD Datasheet HTML 49Page - NXP Semiconductors TDA18211HD Datasheet HTML 50Page - NXP Semiconductors TDA18211HD Datasheet HTML 51Page - NXP Semiconductors TDA18211HD Datasheet HTML 52Page - NXP Semiconductors TDA18211HD Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
49 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
10. Internal circuitry
Table 51.
IR_MEAS_map
fRF(max) (kHz)
IR_MEAS[2:0]
200
101
600
110
865
111
Table 52.
CID_TARGET_map
fRF(max)
CID_Target
count_limit
186250
10
4000
230000
10
4000
345000
24
4000
426000
14
4000
489500
30
4000
697500
50
4000
842000
58
4000
Table 53.
Internal circuits
Symbol
Pin
Description[1]
Average DC voltage
RF_IN
10
0.8 V
CAPRFAGC
12
2.8 V
LT
13
0.85 V
001aaf837
10
001aaf838
12
001aaf839
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com