Electronic Components Datasheet Search
  English  ▼

X  

82801BA Datasheet(PDF) 7 Page - Intel Corporation

Part # 82801BA
Description  Intel 82801BA I/O Controller Hub 2 (ICH2) and Intel 82801BAM I/O Controller Hub 2 Mobile
PDF  498 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801BA Datasheet(HTML) 7 Page - Intel Corporation

Back Button 82801BA Datasheet HTML 3Page - Intel Corporation 82801BA Datasheet HTML 4Page - Intel Corporation 82801BA Datasheet HTML 5Page - Intel Corporation 82801BA Datasheet HTML 6Page - Intel Corporation 82801BA Datasheet HTML 7Page - Intel Corporation 82801BA Datasheet HTML 8Page - Intel Corporation 82801BA Datasheet HTML 9Page - Intel Corporation 82801BA Datasheet HTML 10Page - Intel Corporation 82801BA Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 498 page
background image
82801BA ICH2 and 82801BAM ICH2-M
Datasheet
vii
5
Functional Description ...............................................................................................5-1
5.1
Hub Interface to PCI Bridge (D30:F0)...........................................................5-1
5.1.1
PCI Bus Interface.............................................................................5-1
5.1.2
PCI-to-PCI Bridge Model .................................................................5-2
5.1.3
IDSEL to Device Number Mapping ..................................................5-2
5.1.4
SERR# Functionality........................................................................5-2
5.1.5
Parity Error Detection.......................................................................5-4
5.1.6
Standard PCI Bus Configuration Mechanism ..................................5-5
5.1.7
PCI Dual Address Cycle (DAC) Support
(82801BA ICH2 only) .......................................................................5-6
5.2
LAN Controller (B1:D8:F0)............................................................................5-6
5.2.1
LAN Controller Architectural Overview ............................................5-7
5.2.2
LAN Controller PCI Bus Interface ....................................................5-9
5.2.2.1
Bus Slave Operation.........................................................5-9
5.2.2.2
Bus Master Operation.....................................................5-10
5.2.3
CLOCKRUN# Signal (82801BAM ICH2-M only)............................5-13
5.2.3.1
PCI Power Management ................................................5-13
5.2.3.2
PCI Reset Signal ............................................................5-15
5.2.3.3
Wake-up Events .............................................................5-15
5.2.3.4
Wake on LAN (Preboot Wake-up) ..................................5-16
5.2.4
Serial EEPROM Interface ..............................................................5-17
5.2.5
CSMA/CD Unit ...............................................................................5-19
5.2.6
Media Management Interface ........................................................5-20
5.2.7
TCO Functionality ..........................................................................5-20
5.3
LPC Bridge (w/ System and Management Functions) (D31:F0).................5-20
5.3.1
LPC Interface .................................................................................5-21
5.3.1.1
LPC Cycle Types............................................................5-21
5.3.1.2
Start Field Definition .......................................................5-22
5.3.1.3
Cycle Type / Direction (CYCTYPE + DIR)......................5-22
5.3.1.4
Size.................................................................................5-22
5.3.1.5
SYNC..............................................................................5-23
5.3.1.6
SYNC Time-out ..............................................................5-23
5.3.1.7
SYNC Error Indication ....................................................5-23
5.3.1.8
LFRAME# Usage............................................................5-24
5.3.1.9
I/O Cycles .......................................................................5-25
5.3.1.10 Bus Master Cycles..........................................................5-25
5.3.1.11 LPC Power Management ...............................................5-25
5.3.1.12 Configuration and ICH2 Implications ..............................5-25
5.4
DMA Operation (D31:F0) ............................................................................5-26
5.4.1
Channel Priority .............................................................................5-26
5.4.2
Address Compatibility Mode ..........................................................5-27
5.4.3
Summary of DMA Transfer Sizes ..................................................5-27
5.4.4
Autoinitialize ...................................................................................5-28
5.4.5
Software Commands .....................................................................5-29
5.5
PCI DMA .....................................................................................................5-30
5.5.1
PCI DMA Expansion Protocol ........................................................5-30
5.5.2
PCI DMA Expansion Cycles ..........................................................5-32
5.5.3
DMA Addresses .............................................................................5-32
5.5.4
DMA Data Generation....................................................................5-32
5.5.5
DMA Byte Enable Generation ........................................................5-33
5.5.6
DMA Cycle Termination .................................................................5-33
5.5.7
LPC DMA .......................................................................................5-33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com