Electronic Components Datasheet Search
  English  ▼

X  

82801BA Datasheet(PDF) 63 Page - Intel Corporation

Part # 82801BA
Description  Intel 82801BA I/O Controller Hub 2 (ICH2) and Intel 82801BAM I/O Controller Hub 2 Mobile
PDF  498 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801BA Datasheet(HTML) 63 Page - Intel Corporation

Back Button 82801BA Datasheet HTML 59Page - Intel Corporation 82801BA Datasheet HTML 60Page - Intel Corporation 82801BA Datasheet HTML 61Page - Intel Corporation 82801BA Datasheet HTML 62Page - Intel Corporation 82801BA Datasheet HTML 63Page - Intel Corporation 82801BA Datasheet HTML 64Page - Intel Corporation 82801BA Datasheet HTML 65Page - Intel Corporation 82801BA Datasheet HTML 66Page - Intel Corporation 82801BA Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 498 page
background image
82801BA ICH2 and 82801BAM ICH2-M Datasheet
5-1
Functional Description
Functional Description
5
5.1
Hub Interface to PCI Bridge (D30:F0)
The hub interface to PCI Bridge resides in PCI Device 30, Function 0 on bus #0. This portion of the
ICH2 implements the buffering and control logic between PCI and the hub interface. The
arbitration for the PCI bus is handled by this PCI device. The PCI decoder in this device must
decode the ranges for the hub interface. All register contents will be lost when core well power is
removed.
5.1.1
PCI Bus Interface
The ICH2 PCI interface provides a 33 MHz, Rev. 2.2 compliant implementation. All PCI signals
are 5V tolerant. The ICH2 integrates a PCI arbiter that supports up to six external PCI bus masters
in addition to the internal ICH2 requests.
Note that most transactions targeted to the ICH2 will first appear on the external PCI bus before
being claimed back by the ICH2. The exceptions are I/O cycles involving USB, IDE, and AC’97.
These transactions will complete over the hub interface without appearing on the external PCI bus.
Configuration cycles targeting USB, IDE or AC’97 will appear on the PCI bus. If the ICH2 is
programmed for positive decode, the ICH2 will claim the cycles appearing on the external PCI bus
in medium decode time. If the ICH2 is programmed for subtractive decode, the ICH2 will claim
these cycles in subtractive time. If the ICH2 is programmed for subtractive decode, these cycles
can be claimed by another positive decode agent out on PCI. This architecture enables the ability to
boot off of a PCI card that positively decodes the boot cycles. To boot off a PCI card it is necessary
to keep the ICH2 in subtractive decode mode. When booting off a PCI card, the BOOT_STS bit
(bit 2, TCO2 Status Register) will be set.
Note:
The ICH2’s AC’97, IDE, and USB Controllers can not access PCI address ranges.
Note:
PCI devices that cause long latencies (numerous retries) to processor-to-PCI Locked cycles may
starve isochronous transfers between USB or AC’97 devices and memory. This will result in
overrun or underrun, causing reduced quality of the isochronous data (e.g., audio).
Note:
PCI configuration write cycles, initiated by the processor, with the following characteristics will be
converted to a Special Cycle with the Shutdown message type.
• Device Number (AD[15:11]) = ‘11111’
• Function Number (AD[10:8]) = ‘111’
• Register Number (AD[7:2]) = ‘000000’
• Data = 00h
• Bus number matches secondary bus number
For the 82801BAM ICH2-M, devices on the ICH2-M PCI bus (other than the ICH2-M) are not
permitted to assert the PLOCK# signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com