Electronic Components Datasheet Search
  English  ▼

X  

82801BA Datasheet(PDF) 47 Page - Intel Corporation

Part # 82801BA
Description  Intel 82801BA I/O Controller Hub 2 (ICH2) and Intel 82801BAM I/O Controller Hub 2 Mobile
PDF  498 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801BA Datasheet(HTML) 47 Page - Intel Corporation

Back Button 82801BA Datasheet HTML 43Page - Intel Corporation 82801BA Datasheet HTML 44Page - Intel Corporation 82801BA Datasheet HTML 45Page - Intel Corporation 82801BA Datasheet HTML 46Page - Intel Corporation 82801BA Datasheet HTML 47Page - Intel Corporation 82801BA Datasheet HTML 48Page - Intel Corporation 82801BA Datasheet HTML 49Page - Intel Corporation 82801BA Datasheet HTML 50Page - Intel Corporation 82801BA Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 498 page
background image
82801BA ICH2 and 82801BAM ICH2-M Datasheet
2-11
Signal Description
2.14
Real Time Clock Interface
2.15
Other Clocks
2.16
Miscellaneous Signals
Table 2-14. Real Time Clock Interface
Name
Type
Description
RTCX1
Special
Crystal Input 1: This signal is connected to the 32.768 KHz crystal. If no
external crystal is used, then RTCX1 can be driven with the desired clock rate.
RTCX2
Special
Crystal Input 2: This signal is connected to the 32.768 KHz crystal. If no
external crystal is used, then RTCX2 should be left floating.
Table 2-15. Other Clocks
Name
Type
Description
CLK14
I
Oscillator Clock: CLK14 is used for 8254 timers and runs at 14.31818 MHz.
82801BA ICH2: This clock is permitted to stop during S3 (or lower) states.
82801BAM ICH2-M: This clock is permitted to stop during S1 (or lower) states.
CLK48
I
48 MHz Clock: CLK48 is used to for the USB controller and runs at 48 MHz.
82801BA ICH2: This clock is permitted to stop during S3 (or lower) states.
82801BAM ICH2-M: This clock is permitted to stop during S1 (or lower) states.
CLK66
I
66 MHz Clock: CLK66 is used to for the hub interface and runs at 66 MHz.
82801BA ICH2: This clock is permitted to stop during S3 (or lower) states.
82801BAM ICH2-M: This clock is permitted to stop during S1 (or lower) states.
Table 2-16. Miscellaneous Signals
Name
Type
Description
SPKR
O
Speaker: The SPKR signal is the output of counter 2 and is internally "ANDed"
with Port 61h bit 1 to provide Speaker Data Enable. This signal drives an external
speaker driver device, which in turn drives the system speaker. Upon PCIRST#, its
output state is 1.
Note: SPKR is sampled at the rising edge of PWROK as a functional strap. See
Section 2.20.1for more details.
RTCRST#
I
RTC Reset: When asserted, this signal resets register bits in the RTC well and
sets the RTC_PWR_STS bit (bit 2 in GEN_PMCON3 register). This signal is also
used to enter the test modes documented in Section 2.20.2.
Note: Clearing CMOS in an ICH2-based platform can be done by using a jumper
on RTCRST# or GPI, or using SAFEMODE strap. Implementations should not
attempt to clear CMOS by using a jumper to pull VccRTC low.
TP0
(ICH2 0nly)
I
Test Point (82801BA ICH2): This signal must have an external pull-up to
VccSus3_3.
FS0
I
Functional Strap: This signal is reserved for future use. There is an internal pull-
up resistor on this signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com